Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  Wi-Fi 2.4/5 GHz 802.11 a/b/g/n/ac I/O and Sensor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wireless IoT Sensing Devices
WISE-4250
Digital Input
ƒ
Channels
4 Dry Contact (Wet Contact by request for
customization)
ƒ
Logic Level
0: Open
1: Close to DI COM
ƒ
Compatibility
3.3V/TTL
ƒ
Supports 200Hz Counter Input (32-bit + 1-bit overflow)
ƒ
Supports keep/discard counter value on power-off
ƒ
Support inverted digital input status
ƒ
Support configuration by each channel
ƒ
Support digital filter (min 0.1ms)
ƒ
Support high-to-low and low-to-high latch
WISE-S250 (6DI, 2DO& 1RS-485)
Digital Input
ƒ
Channels
6 Dry Contact (Wet Contact by request for
customization)
ƒ
Logic Level
0: Open
1: Close to DI COM
ƒ
Compatibility
3.3V/TTL
ƒ
Supports 3kHz Frequency Input
ƒ
Supports 3kHz Counter Input (32-bit + 1-bit overflow)
ƒ
Supports keep/discard counter value on power-off
ƒ
Support inverted digital input status
ƒ
Support configuration by each channel
ƒ
Support digital filter (min 0.1ms)
ƒ
Support high-to-low and low-to-high latch
Digital Output (Sink Type)
ƒ
Channel
2
ƒ
Output Current
100 mA
At 0 -> 1: 100 us
At 1 -> 0: 100 us
(for Resistive Load)
ƒ
Supports Pules Output 5 kHz
ƒ
Max. Load Voltage
30V
ƒ
Support pulse high/low width and duty cycle adjustment
ƒ
Support high to low and low to high delay time setup
Serial Port
ƒ
Port Number
1
ƒ
Type
RS-485
ƒ
Data Bits
8
ƒ
Stop Bits
1, 2
ƒ
Parity
None, Odd, Even
ƒ
Baud Rate (bps)
1200, 2400, 4800, 9600, 19200, 38400, 57600,
115200
ƒ
Protocol
Modbus/RTU (Total 64 addresses by 30 max.
instructions)
ƒ
Support Server response timeout and Delay between Polls setting
WISE-S251 (6DI/1RS-485)
Digital Input
ƒ
Channels
6 Dry Contact (Wet Contact by request for
customization)
ƒ
Logic Level
0: Open
1: Close to DI COM
ƒ
Compatibility
3.3V/TTL
ƒ
Supports 200Hz Counter Input (32-bit + 1-bit overflow)
ƒ
Supports keep/discard counter value on power-off
ƒ
Support inverted digital input status
ƒ
Support configuration by each channel
ƒ
Support digital filter (min 0.1ms)
ƒ
Support high-to-low and low-to-high latch
Serial Port
ƒ
Port Number
1
ƒ
Type
RS-485
ƒ
Data Bits
8
ƒ
Stop Bits
1, 2
ƒ
Parity
None, Odd, Even
ƒ
Baud Rate (bps)
1200, 2400, 4800, 9600, 19200, 38400, 57600,
115200
ƒ
Protocol
Modbus/RTU (Total 64 addresses by 30 max.
instructions)
ƒ
Support Server response timeout and Delay between Polls setting
WISE-S232 (Temperature & Humidity Sensor)
Temperature Sensor
ƒ
Operating Range
-40°C ~ 125°C (-40°F ~ 257°F)
ƒ
Resolution
0.1 (°C)
ƒ
Accuracy
±0.2°C (vertical installation)
Humidity Sensor
ƒ
Operating Range
0 ~ 100% RH
ƒ
Resolution
0.1% RH
ƒ
Accuracy
±2% RH @ 0%~25% RH at 25°C
±1.8% RH @ 25%~75% RH at 25°C
±2% RH @ 75%~100% RH at 25°C
The sensor cover includes a special membrane that effectively filters dust particles from the environment
and can be removed for washing.
Ordering Information
Wi-Fi 2.4/5GHz Wireless I/O Module
ƒ
WISE-4250-A
Wi-Fi 5 2.4/5GHz Wireless I/O Module
WISE I/O Module
ƒ
WISE-S214-A
4AI/4DI
ƒ
WISE-S250-A
6DI, 2DO & 1RS-485
ƒ
WISE-S251-A
6DI & 1RS-485
ƒ
WISE-S200/S400
can be customized based on requirement
ƒ
WISE-S232
Temperature & Humidity Sensor
Accessories
ƒ
96PSD-A30W24-DS
DIN Rail Power Supply (1.25A Output Current)
ƒ
BB-RPS-V2-WR2-US
Power Supply, 12V/1A, US plug
ƒ
BB-RPS-V2-WR2-EU
Power Supply, 12V/1A, EU plug
ƒ
1750008648-01
2.4/5GHz External Dipole Antenna, Peak Gain: 2.4G
3.64 dBi / 5G 5.65 dBi
ƒ
1750008767-01
Magnetic Antenna Extend Cable Base 150cm
ƒ
1760000897-11
RTC Battery 3V/200 mAh with Cable Connector
ƒ
EKI-6333AC-2G
IEEE 802.11 a/b/g/n/ac Concurrent Dual-Band Wi-Fi
AP/Client



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com