Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCGD-250 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # LCGD-250
Description  MiNIATURE INDUSTRIAL COMPRESSION LOAD CELL standard and metric models
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

LCGD-250 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  LCGD-250 Datasheet HTML 1Page - Omega Engineering, Inc. LCGD-250 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-27
3 MOUNTING HOLES, "A" THREAD X "B" DEEP,
EQUALLY SPACED AS SHOWN ON "C"
DIAMETER BOLT CIRCLE
P-CCG
L
H
D1
D2
S.S.
SPRING
STRAIN
RELIEF
SPHERICAL
LOAD
BUTTON
1.5 m (5')
PTFE
Cable
Red + Ex
Bk
– Ex
Wt + Out
Gn – Out
capacity
D1
D2
H
L
a
B
c
25 to 100 lb
25
5.3
16
1.3
#4-40 UNC
4.8
19
(1.00) (0.21)
(0.62)
(0.05)
(0.19) (0.75)
250 to 2000 lb
32
8.1
10
1.8
#6-32 UNC
6.4
25.4
(1.25) (0.32)
(0.39)
(0.07)
(0.25) (1.00)
5000 to 10,000 lb
38
11
16
2.0
#6-32 UNC
6.4
31.8
(1.50) (0.43)
(0.63)
(0.08)
(0.25) (1.25)
51
15
25
3.0
6.4
41.3
15,000 to 30,000 lb
(2.00) (0.60)
(1.00)
(0.12)
#6-32 UNC
(0.25) (1.63)
50,000 lb
76
20
38
4.6
#6-32 UNC
6.4
60.3
(3.00) (0.78)
(1.50)
(0.18)
(0.25) (2.38)
StanDarD Dimensions: mm (inch)
The LCGD/LCMGD Series
miniature low-profile load cells
are compression load cells with
excellent long-term stability. An all
stainless steel construction ensures
reliability in severe industrial
environments. These cells are
designed to be mounted on a flat
surface, and a load button is integral
to their basic design.
SpEciFicatiOnS
Excitation: 10 Vdc
Output: 2 mV/V nominal
5-point calibration:
0%, 50% 100%, 50%, 0%
Linearity: ±0.25% FSO
Hysteresis: ±0.20% FSO
repeatability: ±0.10% FSO
Zero Balance: ±2% FSO
Operating temp range:
-54 to 121°C (-65 to 250°F)
compensated temp range:
16 to 71°C (60 to 160°F)
thermal Effects:
Span: ±0.018% rdg/°C
Zero: ±0.009% FSO/°C
Safe Overload: 150% of capacity
Ultimate Overload: 300% of capacity
Bridge resistance: 350
Ω minimum
Deflection: 0.076 mm (0.003")
Compression
0-25 lb to 0-50,000 lb
0-100 N to 0-200,000 N
LcGD-100
Shown actual size.
U
5-point niSt
traceable calibration
U
Stainless Steel
U
High accuracy
U
Low profile
U
Miniature Size
MiNiATURE iNDUSTRiAL
COMPRESSiON LOAD CELL
STANDARD AND METRiC MODELS
LcGD-2K
capacity (n)
D1
D2
H
L
a
B
c
100 to 500
25
5.3
16
1.3
M4 x 0.7
4.8
19.1
(1.00) (0.21)
(0.62)
(0.05)
(0.19) (0.75)
1000 to 10,000
32
8.1
10
1.8
M4 x 0.7
6.4
25.4
(1.25) (0.32)
(0.39)
(0.07)
(0.25) (1.00)
20,000 to 50,000
38
11
16
2.0
M4 x 0.7
6.4
31.8
(1.50) (0.43)
(0.63)
(0.08)
(0.25) (1.25)
60,000 to 120,000
51
15
25
3.0
M4 x 0.7
6.4
41.3
(2.00) (0.60)
(1.00)
(0.12)
(0.25) (1.63)
200,000
76
20
38
4.6
M4 x 0.7
6.35)
60.3
(3.00) (0.78)
(1.50)
(0.18)
(0.25) (2.38)
MEtric Dimensions: mm (inch)
Standard
LCGD/LCMGD Series
construction: Stainless steel
Electrical connection: 1.5 m (5')
shielded cable
protection class: IP65


Similar Part No. - LCGD-250

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LCGDF5A10EC ITT-LCGDF5A10EC Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
LCGDF5A10ECE ITT-LCGDF5A10ECE Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
LCGDF5A10ECU ITT-LCGDF5A10ECU Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
LCGDF5A10ECUE ITT-LCGDF5A10ECUE Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
LCGDF5A10EW ITT-LCGDF5A10EW Datasheet
273Kb / 4P
Subminiature Precision Snap-acting Switches
More results

Similar Description - LCGD-250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPL04 ETC2-DPL04 Datasheet
130Kb / 4P
Standard, piano and right angle models
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
Red Lion Controls. Inc
ZBG10002 REDLION-ZBG10002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH00102 REDLION-ZBH00102 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH06002 REDLION-ZBH06002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZHG06004 REDLION-ZHG06004 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
KISTLER INSTRUMENT CORP...
4577A KISTLER-4577A Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com