Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V2-WR2-US Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-RPS-V2-WR2-US
Description  Industrial LoRaWAN Gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V2-WR2-US Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-RPS-V2-WR2-US Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V2-WR2-US Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WISE-6610 V2
Ordering Information
ƒ
WISE-6610-NB
LoRaWAN gateway with NA915 MHz
ƒ
WISE-6610-EB
LoRaWAN gateway with EU868 MHz
ƒ
WISE-6610-TB
LoRaWAN gateway with AS923 MHz
ƒ
WISE-6610-JB
LoRaWAN gateway with JP923 MHz
ƒ
WISE-6610-EL-NB
LoRaWAN gateway with NA915 MHz and Edgelink
ƒ
WISE-6610-EL-EB
LoRaWAN gateway with EU868 MHz and Edgelink
ƒ
WISE-6610-EL-TB
LoRaWAN gateway with AS923 MHz and Edgelink
ƒ
WISE-6610-EL-JB
LoRaWAN gateway with JP923 MHz and Edgelink
ƒ
WISE-6610-BTO
WISE-6610 Standard P/N with accesoories
* Package includes a LoRa antenna and a Din rail mounting bracket
Accessories
Cellular Solution (SIM card is not includes, cable and antenna
will need 2pcs as a set)
ƒ
96PD-EG25GGB
LTE Cat 4 Module with GNSS, Global version
ƒ
1750006264
SMA(F) Cable, 15 cm
ƒ
1750009236-01
Tripole Ant. 698~2690MHz LTE SMA 90/180 171mm
ƒ
XAJP-IAN067
Antenna for TELEC, Japan
Power Supply for WISE-6610 V2
ƒ
BB-RPS-V2-WR2-US
Power Supply, v2, 12V/1A, US plug
ƒ
BB-RPS-V2-WR2-UK
Power Supply, v2, 12V/1A, UK plug
ƒ
BB-RPS-V2-WR2-EU
Power Supply, v2, 12V/1A, EU plug
ƒ
BB-RPS-V2-WR2-AUS Power Supply, v2, 12V/1A, AUS plug
Dimensions
Unit: mm [inch]
125.80 [4.95]
83 [3.27]
3.20 [0.13]
140 [5.51]
150 [5.91]
Ø5 [Ø0.20]
150 [5.91]
140 [5.51]
5 [0.20]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com