Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZD-AC-R16 Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # EZD-AC-R16
Description  EZ Series Intelligent Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

EZD-AC-R16 Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  EZD-AC-R16 Datasheet HTML 1Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 2Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 3Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 4Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 5Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 6Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 7Page - Omega Engineering, Inc. EZD-AC-R16 Datasheet HTML 8Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A-20
l
12 Digital Inputs
l
6 Digital Relay Outputs
l
256 Rungs of 4 Contacts and
1 Coil Each
l
32 Operating and Message Texts
l
4 Analog Inputs (10-Bit)
Optional (Not with 230 Vac)
l
4 High-Speed Inputs,
3/5 kHz (Only DC Devices)
l
1 Digital Expansion or
Network Connection
l
Networkable via EZ-NET
with Up to 8 Stations
l
1 Analog Output (10 bit)
EZ819-AC-RC shown smaller
than actual size.
EZ700 Series— for controlling medium-
sized applications with up to 40 input/output
signals. DIN rail mounted.
EZ719-DC-RC
shown smaller
than actual size.
EZ719-AC-RCX
shown smaller
than actual size.
Comes complete with installation guide.
Ordering Example: EZ719-AC-RCX, 18 I/O, clock, no display.
EZ700 Series
EZ800 Series
Inputs
Outputs
24
110 to
12
24
MODEl nO.
DEsCRIptIOn
Vac
240 Vac
Vdc
Vdc
AnAlOG
RElAY
EZ719-AC-RC
18 I/O, clock, display
—
12
—
—
—
6
EZ719-AC-RCX
18 I/O, clock, no display
—
12
—
—
—
6
EZ719-DC-RC
18 I/O, clock, display
—
—
—
12
4
6
EZ719-DC-RCX
18 I/O, clock, no display
—
—
—
12
4
6
Comes complete with installation guide.
Ordering Example: EZ819-DC-RCX, 18 I/O, clock, no display.
To Order
Inputs
Outputs
110 to
24
MODEl nO.
DEsCRIptIOn
240 Vac
Vdc
AnAlOG
RElAY
AnAlOG
EZ819-AC-RC
18 I/O, clock, display
12
—
—
6
—
EZ819-AC-RCX
18 I/O, clock, no display
12
—
—
6
—
EZ819-DC-RC
18 I/O, clock, display
—
12
4
6
—
EZ819-DC-RCX
18 I/O, clock, no display
—
12
4
6
—
EZ820-DC-RC
19 I/O, clock, display
—
12
4
6
1
EZ820-DC-RCX
19 I/O, clock, no display
—
12
4
6
1
l
12 Digital Inputs
l
6 Digital Relay Outputs
l
128 Rungs of 3 Contacts and
1 Coil Each
l
16 Operating and Message Texts
l
4 Analog Inputs (10-Bit) Optional
(Not with 230 Vac)
l
2 High-Speed Inputs, 1 kHz
(Only DC Devices)
l
1 Digital Expansion or
Network Connection
EZ800 Series— for controlling large scale
applications with up to 320 input/ output
signals. Models are available with
and without displays. DIN rail mounted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com