Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP41 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # DP41
Description  1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DP41 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  DP41 Datasheet HTML 1Page - Omega Engineering, Inc. DP41 Datasheet HTML 2Page - Omega Engineering, Inc. DP41 Datasheet HTML 3Page - Omega Engineering, Inc. DP41 Datasheet HTML 4Page - Omega Engineering, Inc. DP41 Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The OMEGA® DP41 Series of digital
panel meter/controllers has set the
world standard for accuracy and
quality in industrial instrumentation.
These meters can measure a broad
spectrum of DC voltage and current
ranges as well as inputs from
9 thermocouple types and from
most RTDs, pressure transducers,
load cells, strain gages, and
potentiometers. Models include the
M-31
DP41-W, a legal-for-trade, NTEP-
certified strain meter with enhanced
features, and the DP41-U, which
covers all the input types.
Standard features include 6-digit
display; 5 front-panel pushbutton
keys; 4 open-collector outputs; and
alarm/control, BCD, and analog
outputs. Configurable analog output
ranges are 0 to 20 mA, 4 to 20 mA,
0 to 5 Vdc, and 0 to 10 Vdc.
On-board excitation allows these
meters to power virtually any sensor
or transmitter, and 4 setpoints give
the user numerous control/alarm
possibilities. Setpoint configurations
include active above or below;
latching or non-latching; and high
deviation, low deviation, or band
deviation.
With the RS232/485 serial
communications option, the user
can set the display parameters and
read the current, max, and min
values remotely. The DP40-R board
option provides dual 7 A
mechanical relays, activated by
the selected setpoint.
1
⁄8 DIN High-Performance Meters
Alarm/Control Capabilities Temperature,
Process Voltage and Current, Strain Gage
The DP41 displays feature 14-segment LED characters, which greatly improves
alphanumeric representations. The 7-segment LED characters found on most
instruments are adequate for presenting
numbers, but not
letters. Words are
easier to read with
the 14-segment
LED characters on
the DP41, which,
in turn, simplifies
operating and
programming.
14-segment display
7-segment display
14-segment LED
DP41
Starts at
All Units Feature
5-Year Warranty
6-Digit Display
Min/Max Storage
4 Isolated Open-Collector
Outputs
NEMA 4 (IP65) Front Panel
12 Readings per Second
Alarm/Control Capabilities
Smart Filtering Detects
the Difference Between a
Spike or Process Change
(Patent Applied for)
Peak and Valley Detection
Digital Tare
Easy Front-Panel
Programming
Optional BCD Output
Optional Analog Output
Optional RS232/RS485
Communications
Optional Mechanical Relays
Voltage/Current Inputs
±0.005% Rdg Accuracy
10 User-Selectable
Voltage or 4 to 20/
0 to 20 mA Input Ranges
Fully Scalable Display Up
to 500,000 Counts
1.5 to 11 Vdc or 24 Vdc
Sensor Excitation
Adjustable
Decimal Point
DP41-S, strain meter,
shown smaller than actual size.
Thermocouple Input
0.01° Resolution
0.2°C Accuracy
9 Thermocouple Types
°C/°F/K Units
Uses Complete NIST
Calibration Tables
RTD Input
0.01° Resolution
0.2°C Accuracy
2-, 3-, or 4-Wire
385 and 392 Pt Curves
Panel Punches
Available,
Visit
omega.com/panelpunches
7-segment LED


Similar Part No. - DP41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP41 ETC2-DP41 Datasheet
166Kb / 1P
Use recommendations for machines
logo
Omega Engineering, Inc.
DP41-B OMEGA-DP41-B Datasheet
494Kb / 2P
MiNIATURE INDUSTRIAL COMPRESSION LOAD CELL standard and metric models
DP41-E OMEGA-DP41-E Datasheet
2Mb / 8P
Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
logo
List of Unclassifed Man...
DP41-E ETC-DP41-E Datasheet
178Kb / 1P
Differential pressure transmitter with field-selectable ranges
logo
Omega Engineering, Inc.
DP41-S OMEGA-DP41-S Datasheet
2Mb / 8P
Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
More results

Similar Description - DP41

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2120B VISHAY-2120B Datasheet
95Kb / 1P
Strain Gage Signal Conditioner/Amplifier
21-Nov-03
logo
List of Unclassifed Man...
2B30 ETC1-2B30 Datasheet
38Kb / 1P
High Performance, Economy Strain Gage/RTD Conditioners
logo
Intronics Power, Inc.
2B30J INTRONICS-2B30J Datasheet
1Mb / 6P
High Performance, Economy Strain Gage/RTD Conditioners
logo
National Instruments Co...
NI9235 NI-NI9235 Datasheet
479Kb / 5P
8-Channel Strain Gage Modules
logo
Texas Instruments
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
Strain Gage Module
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
High surge current capabilities
25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
High surge current capabilities
13-May-15
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
Process and temperature meters
Rev.A 08/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com