Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP41Z-TC Datasheet(PDF) 4 Page - Omega Engineering, Inc.

Part # DP41Z-TC
Description  1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DP41Z-TC Datasheet(HTML) 4 Page - Omega Engineering, Inc.

  DP41Z-TC Datasheet HTML 1Page - Omega Engineering, Inc. DP41Z-TC Datasheet HTML 2Page - Omega Engineering, Inc. DP41Z-TC Datasheet HTML 3Page - Omega Engineering, Inc. DP41Z-TC Datasheet HTML 4Page - Omega Engineering, Inc. DP41Z-TC Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M-34
M
Custom-color bezels and
enclosures are available
for original equipment
manufacturers.
Enhance the appearance
of your equipment design
with custom colors.
Consult the
OMEGA
® OEM
GROUP.
Custom firmware and hardware available in quantity.
CUSTOM CONFIGURATIONS
Model No.
Description
DP40-A3
Analog output
DP40-S24
Isolated RS232/RS485
communications*
Suffix
Description
-230
230 Vac power
-DC
9 to 32 Vdc isolated power
-GN
Green LED display
Power and Display Options
Model No.
Description
DP40-9SC2
9-pin serial connector for RS232
DP40-9SC4
9-pin serial connector for RS485
DP40-25SC2
25-pin serial connector for RS232
DP40-25SC4
25-pin serial connector for RS485
Accessories for Computer Communications
Model No.
Description
DP40-B
Isolated BCD output board**
DP40-R
Dual 7 A mechanical relays**
DP40-R4
Dual 7 A and dual 1 A relays**
Control/BCD Outputs
** Order DP40-B, DP40-R or DP40-R4; only 1 option can be used
per unit. DC power option not available on models with
DP40-R or DP40-R4.
Analog Output/Computer Communications
Comes complete with operator’s manual.
* Both options cannot be used at the same time in a single unit.
DP40-S24 option comes with communications cable with phone plug
termination. For proper termination to a computer, 9-pin and 25-pin
connectors are offered on this page.
To Order (Specify Model Number)
Model No.
Description
DP41-E
Process voltage/current indicator
DP41-S
Strain gage indicator
DP41-W
Weight NTEP strain indicator
DP41-TC
Thermocouple indicator
DP41-RTD
RTD indicator
DP41-U
Universal input indicator
DP41Z-E
Split-display voltage/current indicator
DP41Z-S
Split-display strain gage indicator
DP41Z-W
Split-display weight NTEP strain indicator
DP41Z-TC
Split-display thermocouple indicator
DP41Z-RTD
Split-display RTD indicator
DP41Z-U
Split-display universal input indicator
Model No.
Description
SPC4
NEMA 4 (IP65) heavy-duty
splashproof lens, screw clamp
SPC18
NEMA 4 (IP65) splashproof lens,
spring clip
DP41-TBS
Economical bench stand
DPP-5
1
⁄8 DIN panel punch
Accessories for DP41 Meters
Ordering Examples: DP41-TC-S24-A3-DC, DP41 unit for
thermocouple inputs, with 10 to 32 Vdc power, RS232
communications, analog output and DP40-9SC2, 9-pin serial
connector
DP41Z-E split meter with remote display,
panel mount or surface mount with bracket,
shown smaller than actual size.
DP41-TC, with probe, sold
separately, shown smaller than
actual size.
MOST POPULAR MODELS HIGHLIGHTED!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com