Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP40-R4 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # DP40-R4
Description  1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DP40-R4 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  DP40-R4 Datasheet HTML 1Page - Omega Engineering, Inc. DP40-R4 Datasheet HTML 2Page - Omega Engineering, Inc. DP40-R4 Datasheet HTML 3Page - Omega Engineering, Inc. DP40-R4 Datasheet HTML 4Page - Omega Engineering, Inc. DP40-R4 Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M-32
M
Input Type
Range, °C Range, °F
Range, K
Accuracy
RTD 1 10 Ω copper -200 to 200 -328 to 392 73.2 to 473.2 1.0°C/2.0°F/1.0 K
RTD 2 100 Ω Pt 0.00385 200 to 900 -328 to 1652 73.2 to 1173.2 0.2°C/0.3°F/0.2 K
RTD 3 100 Ω Pt 0.00392 -200 to 850 -328 to 1562 73.2 to 1123.2 0.2°C/0.3°F/0.2 K
The DP41 thermocouple meter offers very high accuracy ensured by an
advanced (patent applied for) thermocouple linearizing system. Accuracy for most
thermocouple types is 0.2°C (3.6°F). The meter is front-panel programmable for
any of 9 thermocouple types. The DP41 RTD input meter is programmable for
any 6 to 6000 Ω DIN or NIST platinum RTD. It provides a precision ultra-low
constant current excitation to minimize self-heating errors and maximize stability.
Phenomena
Test Specification
Basic Standard
Electrostatic
+/- 4 kV contact discharge
IEC 1000-4-2
Discharge
+/- 8 kV air discharge
Perf. Criteria B
Radio Frequency
27 - 1000 MHz
IEC 1000-4-3
electromagnetic
10 V/m
Perf. Criteria A
field
80% AM (1 KHz)
Fast Transients
+/- 2 kV (ac mains)
IEC 1000-4-4
+/- 1 kV (dc, signal I/O)
Perf. Criteria B
5/50 ns Tr/Th, 5 KHz repit. Freq.
Radio Frequency
0.15 - 80 MHz
IEC 1000-4-6
conducted
10 V/m
Perf. Criteria A
80% AM (1 KHz)
Surges
+/- 2 kV line to earth
IEC 1000-4-5
+/- 1 kV line to line
Perf. Criteria B
1.2/50 (8/20) µs Tr/Th
Voltage Dips
30% reduction 10 ms
IEC 1000-4-11
60% reduction 100 ms
Perf. Criteria B
Voltage Interruption
>95% reduction 5000 ms
IEC 1000-4-11
Perf. Criteria C
1. Pollution Degree 2
2. Installation Category II
3. Double Insulation
The following LVD (Low Voltage Directive/Safety) requirements
have been met to comply with EN 61010-1, 1993 (Electrical
equipment for measurement, control and laboratory use)
Phenomena
Frequency Range
Limits
Basic Standard
Radiated
30 - 230 MHz
30 dB µV/m at 10 m CISPR 22
Emission
230 - 1000 MHz
37 dB µV/m at 10 m Class B
quasi peak
Conducted
0.15-0.5 MHz
66-56 dB µV q.peak CISPR 22
Emission
0.5-5 MHz
56 dB µV quasi peak Class B
5-30 MHz
60 dB µV quasi peak
DP41 complies with the following EMC Immunity Standards as tested per
EN 50082-2, 1995 (Industrial environment)
DP41 comply with the following EMC Emission Standards as tested per EN
50081-1, 1997 (Residential, Commercial and Light Industrial)
Input Type
Range, °C
Range, °F
Accuracy
Iron-constantan
-210 to 760
-346 to 1400 0.2°C/0.3°F
CHROMEGA®-ALOMEGA® -270 to 1372 -454 to 2500 0.2°C/0.3°F
Copper-constantan
-270 to 400
-454 to 752
0.2°C/0.3°F
CHROMEGA®-constantan -270 to 1000 -454 to 1832 0.2°C/0.3°F
Pt/Rh
-50 to 1768
-58 to 3214 0.2°C/0.3F
Pt/30% Rh-Pt/6° Rh
100 to 1820 212 to 3300 0.3°C/0.5F
Nicrosil-nisil
-270 to 1300 -454 to 2372 0.2°C/0.3F
Iron-constantan
-200 to 900
-328 to 1652 0.6°C/1.0F
All curves
-200 to 850
-328 to 1562 0.2°C/0.3F
/
Thermocouple
and RTD probes
sold separately.
See sections A
and C.
Analog Output: 0 to 5V/1 to 5V/
0 to 10V/0 to 20 mA/4 to 20 mA, user
selectable; 354 Vp isolation; 15-bit
resolution; 0.1% accuracy; 50 ms
step response
RS232 Communications:
300/600/1200/2400/4800/9600/19.2K
baud; RJ11 4-wire connection;
programmable to transmit current
display, alarm status, min/max, actual
measured input value and status
RS485 Communications:
300/600/1200/2400/4800/9600/19.2K
baud; RJ12 6-wire connection;
addressable from 0 to 199
Voltage Input Ranges: 0 to 100 mV,
0 to 1V, 0 to 5V, 1 to 5V, 0 to 10V,
0 to 100V, ±50 mV, ±500 mV, ±5V,
±50V
Current Input Ranges: 0 to 20 mA,
4 to 20 mA
Input Configuration: Single-ended
Polarity: Unipolar/bipolar,
programmable
Span Adjustment: 0.00001 to 500,000,
programmable
Offset Adjustment: 0 to 999,999 or
0 to -99,999, programmable
Thermocouple Input Types:
J, K, T, E, R, S, B, N, J DIN
RTD Input: Any 6 Ω to 6 kΩ NIST or
DIN platinum and any linear RTD
RTD Connection: 2-, 3- or 4-wire
Sensor Break Protection: Up-scale or
down-scale, programmable
Sensor Excitation: 10V at 30 mA;
24V at 25 mA
Specifications
Accuracy: ±0.005% rdg
Span Temperature Coefficient:
±20 ppm
Step Response: 1 s to 99.9%
Warm-Up to Rated Accuracy: 50 min
Operating Environment: 0 to 50°C
(32 to 122°F); 95% RH,non-condensing
Storage Temperature: -40 to 85°C
(-40 to 185°F)
Power: 115 or 230 Vac, 49 to 400 Hz;
10 to 32 Vdc
Power Consumption: 6 W nom.,
10Wmax
Normal-Mode Rejection: 60 dB
Common-Mode Rejection: 120 dB
Common-Mode Voltage:
1500 Vp per HV test
Resolution: 17-bit
Conversion: Dual-slope technique
Reading Rate: 3/s or 13/s, 60 Hz;
3/s or 12/s, 50 Hz
Display: Red or green 6-digit,
14-segment, 13.7 mm (0.54") high;
4 alarm indicators
Dimensions: 48 H x 96 W x 165 mm D
(1.89 x 3.78 x 6.5")
Panel Cutout: 45 H x 92 mm W
(1.772 x 3.622"); 1⁄8 DIN
Weight: 574 g (1.27 lb)
Setpoint Outputs: 4 isolated open
collector; rated 150 mA at 1V sink,
30V open
BCD Output: Isolated, tri-state,
TTL/CMOS compatible; external 5V
supply required for isolated; internal 5V
supply for non-isolated
Dual Relays: Form “C”, 7 A @ 30 Vdc
or 230 Vac
4-Relay Option: Dual 7 A relays
and dual 1 A relays



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com