Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC-SMP-T-100-R Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PCC-SMP-T-100-R
Description  Circuit Board Thermocouple Connectors Standard and Miniature Sizes; Type PCC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PCC-SMP-T-100-R Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PCC-SMP-T-100-R Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-38
G
* Optional transistor
retainer clip. For clip,
add suffix “-R” to model
number for additional cost.
To Order
Model No.
Mating Connector
PCC-OST-(*)-(**) (per 100) OST-standard size
PCC-SMP-(*)-5-(**)
SMP
PCC-SMP-(*)-50-(**)
miniature size
PCC-SMP-(*)-100-(**)
PCC-SMP-V-(*)-5
SMP-miniature
PCC-SMP-V-(*)-50
vertical mount
PCC-SMP-V-(*)-100
All shown actual size.
PCC-SMP-J-(*)-R
C-C 6.4 mm
(0.25")
PCC-OST Series,
standard size.
Shown actual size.
PCC-SMP Series,
miniature size.
ø1.77
(ø.070)
4 PLACES
MOUNTING HOLE PATTERN
PCC-SMP
MOUNTING HOLE PATTERN
PCC-OST
MOUNTING HOLE PATTERN
PCC-SMP-V
ø1.77
(ø.070)
4 PLACES
11.2
(0.44)
8.38
(0.33)
18.4
(0.725)
2.28
(0.09)
ø1.77
(ø.070)
4 PLACES
13.7
(0.54)
6.8
(0.27)
7.9
(0.31)
13.5
(0.53)
15.7
(0.62)
6.8
(0.27)
1.70
(0.067)
6.3
(0.25)
19.0
(0.75)
PCC-OST, Standard Connector
* Specify calibration: Type “J”, “K”, “T” or “E”; also “N” and “U” are
available for PCC-SMP and PCC-SMP-V.
Note: PCC-OST is available only in packages of 100.
** For optional transistor retainer clip, add suffix “-R” to model number
and additional price to price of 100 units. Not available on vertical mount
SMP miniature.
For closed end (designed for CE) connectors add suffix
“-CE” to
model number and additional price for 100 units.
“-CE” version is only
available for PCC-SMP and PCC-SMP-V.
Ordering Examples: PCC-SMP-K-100-R, circuit board thermocouple,
minature size, Type K calibration, with transistor retainer clips, package
of 100.
PCC-SMP-V-N-100, circuit board vertical mount thermocouple
connector, miniature size, Type N calibration, package of 100
.
Circuit board
shown for reference
only. Not included
with connectors.
4.1 (0.16)
7.9
(0.31)
15.5
(0.61)
4.8
(0.19)
14.7
(0.58)
20.8
(0.82)
2.8 (0.11)
4.3 (0.17)
4.1 (0.16)
1.8 (0.07)
18.8 (0.74)
24.9 (0.98)
8.1 (0.32)
4.1 (0.16)
4.1 (0.16)
7.4
(0.29) Dia.
8.1 (0.32) DIA
11.2
(0.44)
19.3
(0.76)
16.0 (0.63)
1.6 (0.06)
6.3 (0.25)
4.8 (0.19)
8.6 (0.34)
1.6 (0.06)
4.1 (0.16)
7.9
(0.31)
15.5
(0.61)
4.8
(0.19)
14.7
(0.58)
20.8
(0.82)
2.8 (0.11)
4.3 (0.17)
4.1 (0.16)
1.8 (0.07)
18.8 (0.74)
24.9 (0.98)
8.1 (0.32)
4.1 (0.16)
4.1 (0.16)
7.4
(0.29) Dia.
8.1 (0.32) DIA
11.2
(0.44)
19.3
(0.76)
16.0 (0.63)
1.6 (0.06)
6.3 (0.25)
4.8 (0.19)
8.6 (0.34)
1.6 (0.06)
4.1 (0.16)
7.9
(0.31)
15.5
(0.61)
4.8
(0.19)
14.7
(0.58)
20.8
(0.82)
2.8 (0.11)
4.3 (0.17)
4.1 (0.16)
1.8 (0.07)
18.8 (0.74)
24.9 (0.98)
8.1 (0.32)
4.1 (0.16)
4.1 (0.16)
7.4
(0.29) Dia.
8.1 (0.32) DIA
11.2
(0.44)
19.3
(0.76)
16.0 (0.63)
1.6 (0.06)
6.3 (0.25)
4.8 (0.19)
8.6 (0.34)
1.6 (0.06)
Model No.
Description
PCC-OST-CliP
Mounting bracket for PCC-OST
PCC-SMP-CliP Mounting bracket for PCC-SMP
PCC-SMP-V-CliP Mounting bracket for PCC-SMP-V
Accessories (Spare)
PCC-SMP-K-(*)
PCC-SMP-V-K-(*)
Circuit Board Thermocouple
Connectors StandardandMiniatureSizes;TypePCC
1-10.....................................
Net
11-49....................................
5%
50-99..................................
10%
100-999..............................
15%
1000-4999..........................
20%
5000 and over....................
25%
Discount Schedule
4.1 (0.16)
7.9
(0.31)
15.5
(0.61)
4.8
(0.19)
14.7
(0.58)
20.8
(0.82)
2.8 (0.11)
4.3 (0.17)
4.1 (0.16)
1.8 (0.07)
18.8 (0.74)
24.9 (0.98)
8.1 (0.32)
4.1 (0.16)
4.1 (0.16)
7.4
(0.29) Dia.
8.1 (0.32) DIA
11.2
(0.44)
19.3
(0.76)
16.0 (0.63)
1.6 (0.06)
6.3 (0.25)
4.8 (0.19)
8.6 (0.34)
1.6 (0.06)
Dimensions: mm (in)
PCC-SMP, Miniature Connector
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
ø1.77
(ø.070)
4 PLACES
MOUNTING HOLE PATTERN
PCC-SMP
MOUNTING HOLE PATTERN
PCC-OST
MOUNTING HOLE PATTERN
PCC-SMP-V
ø1.77
(ø.070)
4 PLACES
11.2
(0.44)
8.38
(0.33)
18.4
(0.725)
2.28
(0.09)
ø1.77
(ø.070)
4 PLACES
13.7
(0.54)
6.8
(0.27)
7.9
(0.31)
13.5
(0.53)
15.7
(0.62)
6.8
(0.27)
1.70
(0.067)
6.3
(0.25)
19.0
(0.75)
ø1.77
(ø.070)
4 PLACES
MOUNTING HOLE PATTERN
PCC-SMP
MOUNTING HOLE PATTERN
PCC-OST
MOUNTING HOLE PATTERN
PCC-SMP-V
ø1.77
(ø.070)
4 PLACES
11.2
(0.44)
8.38
(0.33)
18.4
(0.725)
2.28
(0.09)
ø1.77
(ø.070)
4 PLACES
13.7
(0.54)
6.8
(0.27)
7.9
(0.31)
13.5
(0.53)
15.7
(0.62)
6.8
(0.27)
1.70
(0.067)
6.3
(0.25)
19.0
(0.75)
ø = diameter
PCC-SMP-V, Vertical Mount Connector
The PCC connector from OMEGA is perfect
for bringing thermocouple probes to printed
circuit boards. Two sizes are available, to
mate with either standard or miniature size
connectors. The PCC is also available with
an optional transistor retainer clip; the clip
accepts TO-92 style transistors for cold junction
temperature measurements at the transition
from thermocouple alloy to copper wire.**
U
Attaches Directly to Circuit Board
with the Supplied Mounting Bracket†
U
Perfect for Handheld Thermometers
U
J, K, T, E, N and U Calibrations
U
Glass-Filled Nylon Rated From
-29 to 180°C (-20 to 356°F)
Note: Minor discoloration of connector may occur
between 150°C (302°F) and 180°C (356°F).
Electrical properties are not affected.
† A mounting bracket is supplied
with each connector and must be
used to securely mount the
connector to the PC board.
Mounting
bracket
Mounting
bracket
Mounting
bracket


Similar Part No. - PCC-SMP-T-100-R

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCC-SMP-T-5 OMEGA-PCC-SMP-T-5 Datasheet
947Kb / 2P
Circuit Board Mountable Thermocouple Connectors
More results

Similar Description - PCC-SMP-T-100-R

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8924 MITEL-MT8924 Datasheet
132Kb / 14P
PCM Conference Circuit (PCC) Preliminary Information
logo
List of Unclassifed Man...
PCC-SMP-K ETC2-PCC-SMP-K Datasheet
654Kb / 1P
Circuit Board Thermocouple Connectors
logo
Ohmite Mfg. Co.
RES-FC4L OHMITE-RES-FC4L Datasheet
547Kb / 2P
Industry standard sizes
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
Industry standard sizes
logo
TE Connectivity Ltd
Z35 TEC-Z35 Datasheet
207Kb / 2P
19*19mm and 16*19mmLED Board Sizes
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
PHOENIX CONTACT
1840133 PHOENIX-1840133 Datasheet
130Kb / 8P
Printed-circuit board connector - PCC 4/ 8-ST-7,62
1840117 PHOENIX-1840117 Datasheet
70Kb / 4P
Printed-circuit board connector - PCC 4/10-ST-7,62
1840146 PHOENIX-1840146 Datasheet
70Kb / 4P
Printed-circuit board connector - PCC 4/ 7-ST-7,62
1840159 PHOENIX-1840159 Datasheet
70Kb / 4P
Printed-circuit board connector - PCC 4/ 6-ST-7,62
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com