Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2529000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 2529000000
Description  SV-SMT 7.62HP/02/90MF2 SC/4 2.6SN BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2529000000 Datasheet(HTML) 4 Page - Weidmuller

  2529000000 Datasheet HTML 1Page - Weidmuller 2529000000 Datasheet HTML 2Page - Weidmuller 2529000000 Datasheet HTML 3Page - Weidmuller 2529000000 Datasheet HTML 4Page - Weidmuller 2529000000 Datasheet HTML 5Page - Weidmuller 2529000000 Datasheet HTML 6Page - Weidmuller 2529000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data sheet
SV-SMT 7.62HP/02/90MF2 SC/4 2.6SN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
PCB hole diameter (Signal)
1.3 mm
Tolerance of the diameter of the solder
eyelet (hybrid)
Hybrid component
Signal
Solder eyelet hole diameter tolerance (D)
± 0.1 mm
Solder eyelet hole diameter tolerance (D)
+ 0,1 mm
PCB hole diameter tolerance (Signal)
± 0.1 mm
L2 in mm
3.81 mm
L2 in inch
0.150 "
Number of rows (hybrid)
Hybrid component
Signal
Number of rows (Signal)
2
Contact material (hybrid)
Hybrid component
Signal
Contact material
CuMg
Contact material (Signal)
CuMg
Contact surface (hybrid)
Hybrid component
Signal
Contact surface
tinned
Contact surface (Signal)
tinned
Layer structure of the solder connection
(hybrid)
Layer structure of the solder connection
Material
Ni
Layer strength
min.
1 µm
max.
3 µm
Material
Sn
Layer strength
min.
4 µm
max.
8 µm
Hybrid component
Signal
Layer structure of the solder connection
(Signal)
1-3 µm Ni / 4-8 µm Sn
Layer structure of the plug contact
(hybrid)
Layer structure of the plug contact
Material
Ni
Layer strength
min.
1 µm
max.
3 µm
Material
Sn
Layer strength
min.
4 µm
max.
8 µm
Hybrid component
Signal
Layer structure of the plug contact
(Signal)
1-3 µm Ni / 4-8 µm Sn
Rated voltage for overvoltage class /
pollution severity level II/2 (hybrid)
Hybrid component
Signal
nominal
320 V
Rated voltage for overvoltage class/
pollution severity level II/2 (Signal)
320 V
Rated voltage for overvoltage class /
pollution severity level III/2 (hybrid)
Hybrid component
Signal
nominal
160 V
Rated voltage for overvoltage class/
pollution severity level III/2 (Signal)
160 V
Rated voltage for overvoltage class /
pollution severity level III/3 (hybrid)
Hybrid component
Signal
nominal
160 V
Rated voltage for overvoltage class/
pollution severity level III/3 (Signal)
160 V
Rated impulse voltage for overvoltage
class / pollution severity level II/2
(hybrid)
Hybrid component
Signal
nominal
2.5 kV
Rated impulse voltage for overvoltage
class/pollution severity level II/2 (Signal)
2.5 kV
Rated impulse voltage for overvoltage
class / pollution severity level III/2
(hybrid)
Hybrid component
Signal
nominal
2.5 kV
Rated impulse voltage for overvoltage
class/pollution severity level III/2
(Signal)
2.5 kV
Rated impulse voltage for overvoltage
class / pollution severity level III/3
(hybrid)
Hybrid component
Signal
nominal
2.5 kV
 
Creation date 28.02.2026 01:13:14 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com