Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND671GST-LED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AND671GST-LED
Description  1 Line x 16 Characters Intelligent Character Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AND671GST-LED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AND671GST-LED Datasheet HTML 1Page - List of Unclassifed Manufacturers AND671GST-LED Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94086
2-4
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
6/19/98
AND671GST/GST-LED
1 Line x 16 Characters
Intelligent Character Display
The AND671GST/GST-LED devices are compact, LCD
modules that have an on-board LCD controller and driver
circuit. These devices can display 160 characters (numerals,
letters, symbols and Kana letters), as well as eight custom
characters.
Features
• AND671GST: Super Twist Technology
• AND671GST-LED: STN with LED backlight
• Low voltage, +5V single power supply
• Controller on board (HD44780)
• Direct interface to 4- or 8-bit CPU
• 11 commands for control
• Wide temperature range option (WGST)
Dot Matrix Dimensions
Mechanical Characteristics
Item
Specification
Unit
Outline
Dimensions
80 (W) x 36 (H) x 11 (D)
mm
Character Size
3.07 (W) x 6.56 (H)
mm
Viewing Area
64.5 (W) x 13.8 (H)
mm
Dot Size
0.55 (W) x 0.75 (H)
mm
Dot Pitch
0.63 (W) x 0.83 (H)
mm
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply Voltage
VDD
7.0
V
Input Voltage
VIN
0
≤ V
IN ≤ VDD
V
LED Forward Current
IF
200
mA
3.07
0.70
0.05
0.65
LED Reverse Voltage
VR
8V
LED Power Dissipation
PD
800
mW
Operating Temperature
Top
0 to +50
°C
Storage Temperature
Tstg
–20 to +60
°C
Electrical Characteristics (TA = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.75
5.0
5.25
V
VDD-VO
3.0
6.3
High Level In Voltage
(VDD = 5.0V)
VIH
2.2
V
Low Level In Voltage
(IOH = 0.2 mA)
VIL
0
0.6
V
High Level Output
Volt.
(–IOH = 0.2 mA)
VOH
2.4
V
Low Level Output Volt.
(IOL = 1.2 mA)
VOL
0.4
V
LED Forward Voltage
(IF = 150 mA)
VF
3.8
4.1
4.4
V
LED Reverse Current
(VR = 8 V)
IR
1.0
mA
Optical Characteristics (TA = 25˚C,
φ= 0°, θ = 0°)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
φ
50
degree
Contrast
K
6.0
Turn On
Ton
200
400
ms
Turn Off
Toff
250
400
ms
Absolute Maximum Ratings (Continued)
Item
Symbol
Rating
Unit


Similar Part No. - AND671GST-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
logo
List of Unclassifed Man...
AND671GST-LED ETC2-AND671GST-LED Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND671GST-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1611 ETC-LC1611 Datasheet
30Kb / 1P
16 characters x 1 line
AND791GST ETC1-AND791GST Datasheet
62Kb / 3P
4 Lines x 40 Characters Intelligent Character Display
GMD1610F ETC1-GMD1610F Datasheet
90Kb / 1P
16 CHARACTERS X 1 LINE 1/16 DUTY
logo
Hantronix,Inc
HDM16116H-L HANTRONIX-HDM16116H-L Datasheet
25Kb / 1P
16 Character x 1 Line Very Large Characters
logo
Purdy Electronics Corpo...
AND591GST PURDY-AND591GST Datasheet
150Kb / 2P
2 Lines x 40 Characters Intelligent Character Display
logo
ILLUMINANT CO., LTD
IB1601N-6GBL-211 ILLUMINANT-IB1601N-6GBL-211 Datasheet
39Kb / 1P
Display Format: 16 Characters X 1 line
IB1601N-6GYD-213 ILLUMINANT-IB1601N-6GYD-213 Datasheet
40Kb / 1P
Display Format: 16 Characters X 2 line
IB1601N-6YYD-211A ILLUMINANT-IB1601N-6YYD-211A Datasheet
43Kb / 1P
Display Format: 16 Characters X 1 line
IB1602N-6GYD-172A ILLUMINANT-IB1602N-6GYD-172A Datasheet
47Kb / 1P
Display Format: 16 Characters X 2 line
IB1602N-7GBL-176 ILLUMINANT-IB1602N-7GBL-176 Datasheet
47Kb / 1P
Display Format: 16 Characters X 2 line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com