Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C85FDBAA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C85FDBAA
Description  7.0 mm x 5.0 mm XO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C85FDBAA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C85FDBAA Datasheet HTML 1Page - List of Unclassifed Manufacturers C85FDBAA Datasheet HTML 2Page - List of Unclassifed Manufacturers C85FDBAA Datasheet HTML 3Page - List of Unclassifed Manufacturers C85FDBAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7.0 mm x 5.0 mm XO
C85F series
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
Page 2 of 4
Rev 1.2
Output Waveform:
PECL
PECL
LVDS
LVDS
At 2.5 V
At 3.3 V
At 2.5 V
At 3.3 V
Output Logic 1
1.475 Vmin
2.275Vmin
1.6Vmax 1.6Vmax
Output Logic 0
1.095 Vmax 1.680Vmax 0.9Vmin
0.9Vmin
Rise/Fall Time ( nS )
1 max
1 max
1 max
1 max
Start-up Time: 3 mS max.
Tri-state function Pin 1 or Pin 2:
Pin 1 or 2 = Ouput Active with 2.0 V or 2.5 V on Pin 1 or 2 for 2.5V or 3.3V supply respectively
Pin 1 or 2 = Output in high impedance state when 0.5 volts or less on Pin 1 or 2
Ordering Options:
Product Family
Operating
Temperature
Frequency
Stability
Supply
Voltage
Pin 1 or Pin 2
as Tri -state
Operating
Frequency
C85F
A
A
A
A ( Pin 1 )
XXX.XXXMHz
C85F
B
B
B
B ( Pin 2 )
XXX.XXXMHz
C85F
C
C
XXX.XXXMHz
C85F
D
D
XXX.XXXMHz
C85F C A B A 155.520MHz
Part Number Build Example
**Consult Bliley sales if other options required
** Not all combinations of operating frequency and supply voltage are available.
RoHs compliant; -20 to 70C; +/- 25 ppm with a 3.3 volt supply; Pin1 as Tri-state;
Pin 2 as N/C and 155.520 MHz nominal operating frequency.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com