Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

607 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 607
Description  Tputty™ 607 High Performance Dispensable Gap Filler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

607 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  607 Datasheet HTML 1Page - Laird Tech Smart Technology 607 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TputtyTM 607
High Performance Dispensable Gap Filler
Americas: +1.866.928.8181
Europe: +44.(0).8031.2460.0
Asia: +86.755.2714.1166
www.laird.com
THR-DS-Tputty 607 03/17/2021
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice.
Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness,
merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable
for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect
from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird
Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service
names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
PRODUCT DESCRIPTION
Laird Tputty™ 607 is a high thermally conductive single part dispensable material
designed with automation and vertical stability in mind. Laird has leveraged its
knowledge of thermally conductive fillers and resin systems to develop a single
part dispensable that demonstrates reliability in a variety of application
orientations.
Tputty™ 607 is ideal for applications that can benefit from automation and allows
minimization of SKUs in applications with gap variability. In addition to providing
application flexibility and variable gap adaptation, Tputty™ 607 will exert minimal
stress on your component while maintaining interface contact to maximize
thermal transfer. Combined with Laird’s global technical support and global
footprint, deploying Tputty™ 607 is easier than ever.
When it is time to integrate TputtyTM 607 into your production environment,
Laird
can
work
with
your
existing
dispensing
partner
or
provide
recommendations for a dispensing equipment provider.
FEATURES AND BENEFITS
• RoHS compliant
• Complete dispensing solution options available
• 6.4 W/mK
• Demonstrated thermal cycling stability
• Low outgassing per ASTM E595
Available in cartridges (30cc, 75cc, 180cc, 360cc, 600cc)
and pails (1 gallon and 5 gallon)
Packaging Size
Fill Volume
Fill Weight
30cc
30cc
105g
75cc (2.5 oz)
58cc
200g
180cc (6 oz)
161cc
556g
360cc (12 oz)
328cc
1130g
600cc (20 oz)
605cc
2090g
1 gallon
4090cc
14kg
5 gallon
5860cc
20kg


Similar Part No. - 607

ManufacturerPart #DatasheetDescription
logo
NYLENE
607 NYLENE-607 Datasheet
462Kb / 2P
Extrusion
logo
Abbatron All Rights Res...
607 ABBATRON-607 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
607 ETC2-607 Datasheet
96Kb / 4P
suitable for low power AC switching
logo
EAO AG.
607-0000-00 EAO-607-0000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
607-0000-0P EAO-607-0000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 607

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
P100 LSTD-P100 Datasheet
237Kb / 1P
Tgard Lined Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
P300 LSTD-P300 Datasheet
134Kb / 2P
Polyimide Lined Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40105010 WURTH-40105010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40011020 WURTH-40011020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
HD700 LSTD-HD700 Datasheet
184Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40003050 WURTH-40003050 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com