Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWSZTMCS-T Datasheet(PDF) 3 Page - Abracon Corporation

Part # AWSZTMCS-T
Description  HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSZTMCS-T Datasheet(HTML) 3 Page - Abracon Corporation

  AWSZTMCS-T Datasheet HTML 1Page - Abracon Corporation AWSZTMCS-T Datasheet HTML 2Page - Abracon Corporation AWSZTMCS-T Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
____________________________________________________________________________________________
30332 Esperanza, Rancho Santa Margarita, CA 92688 | T 949.546.8000 | F 949.546.8001 | www.abracon.com
Washability Specification
This product can be washed using the following solvents
under the suggested conditions:
Solvents:
HCFC, Isopropyl Alcohol, Trichloroethane, Tap water, Demineralized
Water, Pine Alpha ST-100S
Ultrasonic Wash:
Less than 1 min. (Frequency:28KHz,Ouput:20W/L)
Immersion Wash or others: Less than 5 min.
Solvents temperature should be at 60℃ or under 60℃
Drying:
By air blow at 80℃ max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com