Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1004 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSC1004
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1004 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSC1004 Datasheet HTML 17Page - Microchip Technology DSC1004 Datasheet HTML 18Page - Microchip Technology DSC1004 Datasheet HTML 19Page - Microchip Technology DSC1004 Datasheet HTML 20Page - Microchip Technology DSC1004 Datasheet HTML 21Page - Microchip Technology DSC1004 Datasheet HTML 22Page - Microchip Technology DSC1004 Datasheet HTML 23Page - Microchip Technology DSC1004 Datasheet HTML 24Page - Microchip Technology DSC1004 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
2017 - 2025 Microchip Technology Inc. and its subsidiaries
DS20005529D-page 21
DSC1001/3/4
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2024 Microchip Technology Inc.
4-Lead Very Thin Plastic Dual Flatpack No-Lead (H4A) - 3.2x2.5 mm Body [VDFN]
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Microchip Technology Drawing C04-1006-H4A Rev C
Number of Terminals
Overall Height
Overall Width
Terminal Length
Terminal Width
Pitch
Standoff
Units
Dimension Limits
A1
A
b
e
L
E
N
2.10 BSC
0.85
0.70
0.80
0.00
0.80
0.90
0.85
0.02
2.50 BSC
MILLIMETERS
MIN
NOM
4
0.95
0.90
0.90
0.05
MAX
Overall Length
D
3.20 BSC
Terminal 1 Index Chamfer
CH
0.25 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com