Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150CLZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  150CLZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2002 Feb 27
2
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
FEATURES
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte, self healing
• SMD-version with base plate, reflow solderable
• Very low impedance, very high ripple current
• Very long useful life: 3000 hours at 105 °C
• Charge and discharge proof, no peak current limitation
• Supplied in blister tape on reel.
APPLICATIONS
• SMD technology, for high mounting density
• Industrial and professional applications
• Automotive, general industrial
• Smoothing, filtering, buffering.
CCA716
Fig.1 Component outline.
150 CLZ
JW14
140 CLH
153 CLV
125
°C
high
temperature
standard
175 TMP
solid SMD
175
°C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (L
× W × H in mm)
8
× 8 × 10 to 10 × 10 × 14
Rated capacitance range, CR
33 to 1000
µF
Tolerance on CR
±20%
Rated voltage range, UR
6.3to63V
Category temperature range
−55 to +105 °C
Endurance test at 105
°C:
2000 hours
Useful life at 105
°C:
case size
≤10 × 10 × 10
2500 hours
case size 10
× 10 × 14
3000 hours
Useful life at 40
°C; 1.8 × lR applied:
case size
≤10 × 10 × 10
125000 hours
case size 10
× 10 × 14
150000 hours
Shelf life at 0 V, 105
°C
1000 hours
Based on sectional specification
IEC 60384-18/CECC32300
Climatic category IEC 60068
55/105/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com