Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5223B Datasheet(PDF) 4 Page - Continental Device India Limited

Part # 1N5223B
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N5223B Datasheet(HTML) 4 Page - Continental Device India Limited

  1N5223B Datasheet HTML 1Page - Continental Device India Limited 1N5223B Datasheet HTML 2Page - Continental Device India Limited 1N5223B Datasheet HTML 3Page - Continental Device India Limited 1N5223B Datasheet HTML 4Page - Continental Device India Limited 1N5223B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DO-35, 52mm Taping Specification
DO-35 Glass Axial Package
52mm Taping Specification
PACKAGE
STANDARD PACK
INNER CARTON BOX
OUTER CARTON BOX
DO-35 T&A
Details
Net Weight/Qty
5K/ammo box
0.88kg/5K pcs
Size
Qty
10"X3.5"X3.5"
5.0K
Size
Qty
Qty
12.7"X12.7"X20" 125.0K 25Kgs
on request also available in 26 mm Tape and Ammo Pack
Packing Detail
Continental Device India Limited
Data Sheet
Page 4 of 5
1N5223B to 1N5279B
2.7V to 180V
DO- 35
Glass Axial Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com