Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28010-20RKA6T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M28010-20RKA6T
Description  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010-20RKA6T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M28010-20RKA6T Datasheet HTML 15Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 16Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 17Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 18Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 19Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 20Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 21Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 22Page - STMicroelectronics M28010-20RKA6T Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
M28010
Table 13. TSOP32 - 32 lead Plastic Thin Small Outline, 8 x 20mm, Package Mechanical Data
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.20
0.047
A1
0.05
0.17
0.002
0.006
A2
0.95
1.05
0.037
0.041
B
0.15
0.27
0.006
0.011
C
0.10
0.21
0.004
0.008
D
19.80
20.20
0.780
0.795
D1
18.30
18.50
0.720
0.728
E
7.90
8.10
0.311
0.319
e
0.50
–
–
0.020
–
–
L
0.50
0.70
0.020
0.028
α
0
°
5
°
0
°
5
°
N32
32
CP
0.10
0.004
Figure 20. TSOP32 (NS)
Note:
1. Drawing is not to scale.
TSOP-a
D1
E
1N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com