Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M35101
Description  Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35101 Datasheet(HTML) 2 Page - STMicroelectronics

  M35101 Datasheet HTML 1Page - STMicroelectronics M35101 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
M35101
Table 2. Ordering Information Scheme
Example:
M35101
-
W4
/
xxx
Delivery Form
Transfer Code
W4
180
µm ± 15 µm unsawn wafer
Given by ST
S4
180
µm ± 15 µm sawn wafer
C20
Antenna on Super 35 mm tape
C30
Antenna on Super 35 mm tape
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 2. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact the ST
Sales Office nearest to you.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com