Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1DM Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # 1DM
Description  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1DM Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 1DM Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1DM Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
sensing.honeywell.com
MICRO SWITCH™ Snap-in Panel Mount Basic Switches
1DP5, 1DP8 DIMENSIONS
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
31,75 mm
[1.25 in]
5,6 mm [0.22 in] max. full overtravel position
15,11 mm [0.595 in] operating position
18,42 mm [0.725 in] free position
11,7 mm [0.46 in]
SR 6,35 mm
[SR 0.25 in]
Ø 8,63 mm [Ø 0.35 in]
9° max.
7,61 mm
[0.30 in]
4X R 1,53 mm [4X R 0.06 in]
R 1,02 mm [R 0.04 in]
13,32 mm [0.525 in]
1,52 mm [0.08 in]
1,57 mm [0.062 in]
24,64 mm
[0.97 in]
11,43 mm
[0.45 in]
80°
23,4 mm
[0.92 in]
10,66 mm
[0.42 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
Common
terminal
Stop
contact
Normally
open
terminal
11,17 mm
[0.44 in]
2X 6,35 mm x 0,81 mm
[2X 0.25 in x 0.032 in]
quick connect terminal
This Honeywell datasheet supports the following MICRO SWITCH™ DM & DP Series Basic Switch Listings
1DM1
1DM152
1DM171
1DM175
1DM176
1DM18
1DM2
1DM21
1DM23
1DM3
1DM301
1DM32
1DM335
1DM338
1DM401
1DM418
1DM423
1DM425
1DM435
1DM437
1DM5
1DM502
1DM503
1DM57
1DM79
1DP5
PANEL CUTOUTS
1DP8
2DM1
2DM11
2DM301
2DM310
2DM4
2DM409
2DM438
2DM6
2DM640
2DM8
2DM83
DM-10692



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com