Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1DM3 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # 1DM3
Description  MICRO SWITCH™ Snap-in Panel Mount Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1DM3 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 1DM3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1DM3 Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 sensing.honeywell.com
DM | DP Series
2DM1 DIMENSIONS
2DM409 DIMENSIONS
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
39,88 mm
[1.57 in]
10,16 mm [0.40 in] max. full overtravel position
22,4 mm [0.88 in] free position
SR 6,4 mm
[SR 0.25 in]
Ø 8,6 mm [Ø 0.34 in]
12°
2X R 1,53 mm [2X R 0.06 in]
13,32 mm [0.525 in]
1,52 mm
[0.08 in]
1,57 mm [0.062 in]
38,1 mm [1.5 in]
5,33 mm
[0.21 in]
6X 6,4 mm [6X 0.25 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
11,17 mm
[0.44 in]
6X 4,77 mm x 0,51 mm
[6X 0.188 in x 0.02 in]
quick connect terminal
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
33,5 mm [1.32 in]
26,2 mm
[1.03 in]
9° max.
R 1,02 mm [R 0.04 in]
5,33 mm
[0.21 in]
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
12°
7,62 mm
[0.30 in]
17,27 mm
[0.68 in]
4X Ø 1,53 mm
[4X Ø 0.06 in]
39,88 mm
[1.57 in]
14,97 mm [0.59 in] max. full overtravel position
21,57 mm [0.85 in] free position
SR 4,57 mm
[SR 0.18 in]
Ø 8,6 mm [Ø 0.34 in]
2X R 1,53 mm [2X R 0.06 in]
13,32 mm [0.525 in]
1,57 mm [0.062 in]
38,1 mm [1.5 in]
6X 6,4 mm [6X 0.25 in]
1,14 mm to 2,54 mm thick mounting panel
[0.045 in to 0.10 in thick mounting panel]
11,17 mm
[0.44 in]
6X 4,77 mm x 0,51 mm
[6X 0.188 in x 0.02 in]
quick connect terminal
26,2 mm
[1.03 in]
R 7,61 mm
[R 0.30 in]
12°
5,33 mm
[0.21 in]
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
33,5 mm [1.32 in]
5,33 mm
[0.21 in]
9,9 mm
[0.39 in]
13,45 mm
[0.53 in]
12°
2,03 mm [0.08 in]
7,62 mm
[0.30 in]
25,13 mm [0.90 in] extended position
18,91 mm [0.745 in] operating position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com