Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0001 Datasheet(PDF) 2 Page - Proto Advantage SMD Adapter

Part # IPC0001
Description  QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0001 Datasheet(HTML) 2 Page - Proto Advantage SMD Adapter

  IPC0001 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0001 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bottom View (DIP Pins)
(Representative drawing only - not to scale)
2
© 2015 Proto Advantage
F
G
H
Side View (DIP Pins)
(Representative drawing only - not to scale)
F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com