Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0002 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0002
Description  QFN-8 to DIP-12 SMT Adapter (0.65 mm pitch, 3 x 3 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0002 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0002 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0002 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-8 to DIP-12 SMT Adapter (0.65 mm pitch, 3 x 3 mm body)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.80
A2
1.80
B
0.80
C
0.28
B2
1.10
C2
1.10
D
0.37
D2
0.35
E
0.65
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2010 Proto Advantage Inc.
A
B
C
D
E
B2
C2
D2
A2
IIIP
P
PC
C
C0
0
00
0
00
0
02
2
2


Similar Part No. - IPC0002

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0001 PROTOADVANTAGE-IPC0001 Datasheet
42Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
revision 1.1
IPC0003 PROTOADVANTAGE-IPC0003 Datasheet
46Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0004 PROTOADVANTAGE-IPC0004 Datasheet
45Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0005 PROTOADVANTAGE-IPC0005 Datasheet
46Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0006 PROTOADVANTAGE-IPC0006 Datasheet
46Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3 x 3 mm body)
revision 1.0
More results

Similar Description - IPC0002

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Kingbright Corporation
APGF0606VGTPBTSEETC KINGBRIGHT-APGF0606VGTPBTSEETC Datasheet
334Kb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0606VGTPBTSEETC TO-GRACE-APGF0606VGTPBTSEETC Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
KPGF-0606GBRC-120 TO-GRACE-KPGF-0606GBRC-120 Datasheet
1Mb / 4P
0.65 x 0.65 x 0.2 mm Full-Color Surface Mount LED
logo
Fronter Electronics Co....
HC-49S-3PIN FRONTER-HC-49S-3PIN Datasheet
185Kb / 2P
3 Pin Dip Crystal 11.4x4.8 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com