Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0109 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0109
Description  LGA-28 to DIP-28 SMT Adapter (0.6 mm pitch, 7.5 x 4.4 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0109 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0109 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0109 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
LGA-28 to DIP-28 SMT Adapter (0.6 mm pitch, 7.5 x 4.4 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.00
A2
6.10
B
0.60
C
0.40
D
0.20
E
0.60
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2013 Proto Advantage
B
C
D
E
A
A2
IIIP
P
PC
C
C0
0
01
1
10
0
09
9
9


Similar Part No. - IPC0109

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0100 PROTOADVANTAGE-IPC0100 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.65 mm pitch, 6.0 x 6.0 mm body, 4.0 x 4.0 mm pad)
revision 1.0
IPC0101 PROTOADVANTAGE-IPC0101 Datasheet
44Kb / 2P
QFN-56 to DIP-60 SMT Adapter (0.4 mm pitch, 5.0 x 9.0 mm body, 3.45 x 7.13 mm pad)
revision 1.0
IPC0102 PROTOADVANTAGE-IPC0102 Datasheet
44Kb / 2P
QFN-20 to DIP-20 SMT Adapter (0.4 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0103 PROTOADVANTAGE-IPC0103 Datasheet
44Kb / 2P
LGA-10 to DIP-10 SMT Adapter (3.0 x 5.0 mm body)
revision 1.0
IPC0104 PROTOADVANTAGE-IPC0104 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 2.0 mm body)
revision 1.0
More results

Similar Description - IPC0109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
44 pin QFP socket/28 pin DIP 0.6??plug
logo
Aries Electronics, Inc.
14-35W000-11-RC ARIES-14-35W000-11-RC Datasheet
390Kb / 1P
RoHS/WEEE-Compliant SOWIC-to-DIP 14- to 28-Pin Adapter
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
28 Pin SSOP socket/28 Pin DIP 0.6??plug
PA32-28 ETC2-PA32-28 Datasheet
28Kb / 1P
32 pin PLCC socket/28 pin DIP 0.6??plug
PA14SO1-08H-3 ETC2-PA14SO1-08H-3 Datasheet
23Kb / 1P
14-28 pin SO socket/14-28 pin DIP 0.3"or 0.6" plug
PA16SS-OT-3 ETC2-PA16SS-OT-3 Datasheet
46Kb / 1P
16-28 pin SSOP socket/16-28 pin DIP plug (0.3??or 0.6??
logo
Aries Electronics, Inc.
18007 ARIES-18007 Datasheet
502Kb / 1P
Series 35W000 SOWIC-to-DIP Adapter ??14/28 Pins
logo
OSRAM GmbH
LH-Q974 OSRAM-LH-Q974 Datasheet
204Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.6 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com