Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG3MLVB Datasheet(PDF) 1 Page - Amphenol Australia Pty Ltd.

Part # AG3MLVB
Description  G TYPE CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUDIO [Amphenol Australia Pty Ltd.]
Direct Link  https://www.amphenolaudio.com/
Logo AUDIO - Amphenol Australia Pty Ltd.

AG3MLVB Datasheet(HTML) 1 Page - Amphenol Australia Pty Ltd.

  AG3MLVB Datasheet HTML 1Page - Amphenol Australia Pty Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
119
PLUGS AND SOCKETS
4 pole
AG4MPCH
Male chassis connec-
tor, Horizontal PCB,
Machined contacts,
Thermoplastic shell
3 pole
AG3FCRV
4 pole
AG4FCRV
5 pole
AG5FCRV
6 pole
AG6FCRV
Female chassis con-
nector,
Stamped contacts,
Nickel Finish
PART NUMBER BREAKDOWN
G TYPE CONNECTORS
E. G . AG3MCCHB
AG (Series Prefix), 3 contacts, Male, Chassis Connector,Horizontal PCB Contacts,
Black finish.
SERIES PREFIX
CONTACT LAYOUTS
AG
3
M CC
H
B
AG
Series Prefix
=
4
4 Contacts
=
6
6 Contacts
=
3
3 Contacts
=
5
5 Contacts
=
CONTACT TYPE
SHELL FINISH
Blank
Solder Buckets
(All styles except PC, CR)
=
Blank
Nickel Plated Finish
=
B
Black Finish
=
H
Horizontal PCB (Style CC, PC only)
=
V
Vertical PCB (Style CR only)
=
SHELL STYLE
Blank
Cable Connector Standard
(Male or Female)
=
J
Cable Connector Large Cable
clamp / boot O.D (Male or Female)
=
L
Cable Connector with locking ring
(Female)
=
LL
Latchless (Chassis Connector)
=
CC
Chassis Connector Circular Metal
(Male)
=
CE
Rear Mount (Chassis Connector)
=
CM
Mid Mount (Chassis Connector)
=
CR
Chassis Connector Rectangular
Metal (Female)
=
PC
Chassis Connector Plastic (Male)
=
GENDER
F
Female Socket Contacts
=
M
Male Pin Contacts
=
G TYPE CONNECTORS


Similar Part No. - AG3MLVB

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
AG3M DIOTEC-AG3M Datasheet
102Kb / 1P
Silicon Rectifier Cells with polysiloxan passivation
logo
Semikron International
AG3M SEMIKRON-AG3M Datasheet
82Kb / 2P
Silicon Rectifier Cells with polysiloxan passivation
logo
Diotec Semiconductor
AG3M DIOTEC-AG3M Datasheet
93Kb / 1P
Silicon Rectifier Cells with Polysiloxane Cover
More results

Similar Description - AG3MLVB

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
WR28 ATM-WR28 Datasheet
130Kb / 1P
OUTLINE, W/G-COAX ADAPTER - ENDLAUNCH TYPE SMA&TYPE-N
logo
DDK Ltd.
27DP DDK-27DP Datasheet
256Kb / 9P
SMB Type Connectors
27DS DDK-27DS Datasheet
153Kb / 3P
SMC Type Connectors
BNC DDK-BNC Datasheet
308Kb / 13P
BNC Type Connectors
SSMB-SP-0.8DV-CR DDK-SSMB-SP-0.8DV-CR Datasheet
222Kb / 2P
SSMB Type Connectors
logo
Advantech Co., Ltd.
WIFI-300 ADVANTECH-WIFI-300 Datasheet
206Kb / 1P
USB-type IEEE 802.11b/g WiFi Dongle
logo
Amphenol Corporation
082-24 AMPHENOL-082-24 Datasheet
2Mb / 9P
Type N Connectors
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
logo
Carlo Gavazzi Holding A...
G88405549 CARLOGAVAZZI-G88405549 Datasheet
114Kb / 2P
Remote Transceiver Type G 8840 5549
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com