Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41AC113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 41AC113
Description  AC/DC ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41AC113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  41AC113 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XICON PASSIVE COMPONENTS • (800) 628-0544
Circuit Diagram
2.00
1.70
2.37
Primary
1
2
B +
B
Secondary
AC/DC Adaptor
41AC113
XC-600085
Date Revised: 11/3/05
Dimensions: (In.)
Specifications:
• Primary voltage: 117VAC 60Hz
• Primary exciting current: 30mA max.
• Secondary voltage: 16.3VDC ±0.5V (no load),
12VDC ±0.5V (full load)
• Rated secondary current: 200mA DC 60Hz
• Temperature rise: <45°C
• Breakdown voltage (hipot): 2000VAC 50Hz for 1 minute
• Coil~coil insulation: 100MΩ min. @ 500VDC
• Case: plastic, BB-333
• Capacitor: 470mfd x 16V
• Rectifier: IN4001 1A
• DC plug: 2.5mm male
• Cable: 6 ft.
• Polarity: tip +
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 41AC113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41AC119 ETC2-41AC119 Datasheet
120Kb / 1P
AC/DC Adaptor
More results

Similar Description - 41AC113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41AC119 ETC2-41AC119 Datasheet
120Kb / 1P
AC/DC Adaptor
logo
Mean Well Enterprises C...
ATX-100 MEANWELL-ATX-100 Datasheet
729Kb / 3P
100W AC-DC ATX Power Adaptor
logo
Extech Instruments Corp...
380905 EXTECH-380905 Datasheet
206Kb / 1P
2000A AC/DC Clamp-on Adaptor
logo
Mean Well Enterprises C...
GE30 MEANWELL-GE30 Datasheet
138Kb / 3P
30W AC-DC Interchangeable Industrial Adaptor
GSM160B MEANWELL-GSM160B Datasheet
556Kb / 3P
160W AC-DC High Reliability Medical Adaptor
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST60A MEANWELL-GST60A Datasheet
394Kb / 3P
60W AC-DC High Reliability Industrial Adaptor
logo
SYNC POWER Crop.
SP6879 SYNC-POWER-SP6879 Datasheet
368Kb / 8P
AC/DC Switching Power Adaptor
logo
Mean Well Enterprises C...
GP25A MEANWELL-GP25A Datasheet
98Kb / 3P
25W AC-DC Triple Output Industrial Adaptor
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
40W AC-DC Interchangeable Industrial Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com