Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ221 Datasheet(PDF) 8 Page - Pico Technology Ltd.

Part # PQ221
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ221 Datasheet(HTML) 8 Page - Pico Technology Ltd.

Back Button PQ221 Datasheet HTML 4Page - Pico Technology Ltd. PQ221 Datasheet HTML 5Page - Pico Technology Ltd. PQ221 Datasheet HTML 6Page - Pico Technology Ltd. PQ221 Datasheet HTML 7Page - Pico Technology Ltd. PQ221 Datasheet HTML 8Page - Pico Technology Ltd. PQ221 Datasheet HTML 9Page - Pico Technology Ltd. PQ221 Datasheet HTML 10Page - Pico Technology Ltd. PQ221 Datasheet HTML 11Page - Pico Technology Ltd. PQ221 Datasheet HTML 12Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PicoScope® 6000E Series
PicoScope 7 software - time domain view
Timebase sampling controls: Set the timing of an
acquisition using the seconds/division control.
Sampling controls provide a choice of timebase
operating modes: Buffer memory priority adjusts
the sampling rate to maintain a fixed capture
memory depth. Sample rate priority adjusts
memory depth to maintain a fixed sampling rate.
Math channels: Advanced scientific,
trigonometric, buffer, filter and
coupler functions as well as basic
arithmetic.
Serial decoding:
PicoScope has over
38 built-in serial
protocol decoders
which are included
as standard at no
extra cost.
Actions: These are things
that the PicoScope can be
programmed to do when
certain events occur. Actions
include: Stop capture, Save
waveform, Play sound,
Trigger signal generator, Run
application.
Masks: Mask limit testing allows the
comparison of live signals against
known good signals and is designed
for production and debugging
environments. Simply capture a
known good signal, generate a mask
around it, and then monitor the
device under test.
Digital channel controls: 16 digital
channels, with optional MSO pods,
display a digital signal as either a
logic high or logic low, depending on
whether the voltage on that channel is
above or below a set threshold.
Reference waveforms: Waveforms
can be saved and displayed for
comparison with live data.
Zoom:
Zoom-in to
magnify and click
or drag to pan
around.
Trigger marker:
Shows the
channel, signal
level and time of
the trigger event.
Drag to adjust.
Rulers: Help to make on-screen
waveform measurements without
having to count graticule marks.
DeepMeasure: Delivers automatic
measurement of important waveform
parameters on up to a million
waveform cycles on each triggered
acquisition.
Waveform buffer navigator: PicoScope
can store the last 40 000 oscilloscope
or spectrum waveforms in a circular
waveform buffer. The buffer navigator
provides an efficient way of navigating
and searching through waveforms.
Trigger controls:
Quick access to
main controls and
advanced triggers.
Channel controls: Each channel
corresponds to one of the PicoScope
input connectors. Use controls to
manage probe types, assign channel
names, set vertical scaling, offset,
input coupling, and other signal
conditioning parameters before
making measurements on the DUT.
Running/Stopped control: Click to start
displaying waveforms. Click again to stop. The
keyboard space bar has the same function.
Views: Display
separate scope,
spectrum or XY
views which can
also be moved to
different screens.
Serial protocol decoding: Serial
decoders in use are listed here.
Automatic measurements: Display
calculated measurements for
troubleshooting and analysis. You can
add as many measurements as you
need on each view. Each measurement
includes statistical parameters
showing its variability.
Flexible resolution: The FlexRes
models in the 6000 Series allow
you to select vertical hardware
resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com