Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APJ100N65MP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # APJ100N65MP
Description  650V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APJ100N65MP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  APJ100N65MP Datasheet HTML 1Page - A POWER MICROELECTRONICS APJ100N65MP Datasheet HTML 2Page - A POWER MICROELECTRONICS APJ100N65MP Datasheet HTML 3Page - A POWER MICROELECTRONICS APJ100N65MP Datasheet HTML 4Page - A POWER MICROELECTRONICS APJ100N65MP Datasheet HTML 5Page - A POWER MICROELECTRONICS APJ100N65MP Datasheet HTML 6Page - A POWER MICROELECTRONICS APJ100N65MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APJ100N65MP (AP65R090)
650V N-Channel Enhancement Mode MOSFET
APJ100N65MP RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS=0V, ID=1mA
650
740
-
V
V(GS)th
Gate threshold voltage
VDS=VGS, ID=1mA
2.0
3.0
5.0
V
IDSS
Zero gate voltage drain current
VDS=650V, VGS=0V, Tj=25°C
-
-
10
μA
IGSS
Gate-source leakage current
VGS=±30V, VDS=0V
-
-
±100
nA
RDS(on)
Drain-source on-state resistance
VGS=10V, ID=18A, Tj=25°C
-
78
90
mΩ
RG
Gate resistance
VDD=0V,VGS=0V,F=1MHz
-
10
-
Ω
Ciss
Input capacitance
VGS=0V, VDS=50V, f=250KHz
-
2600
-
pF
Coss
Output capacitance
-
147
-
pF
Crss
Reverse transfer capacitance
-
10
-
pF
td(on)
Turn-on delay time
VDD=400V, VGS=10V, ID=18A
-
54
-
ns
tr
Rise time
-
69
-
ns
td(off)
Turn-off delay time
-
123
-
ns
tf
Fall time
-
20
-
ns
Qgs
Gate to source charge
VDD=400V, ID=18A, VGS=0
-
10
-
nC
Qgd
Gate to drain charge
-
24
-
nC
Qg
Gate charge total
-
63
-
nC
Vplateau
Gate plateau voltage
-
3.5
-
V
VSD
Diode forward voltage
VGS=0V, IF=18A, Tf=25°C
-
0.9
-
V
trr
Reverse recovery time
VR=400V, IF=18A,
diF/dt=100A/μs
-
161
-
ns
Qrr
Reverse recovery charge
-
1.64
-
μC
Irrm
Peak reverse recovery current
-
15
-
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The EAS data shows Max. rating . L=0.5mH, IAS =7A, VDD =50V, RG=25Ω
3、The test condition is Pulse Test: ISD ≤ ID, di/dt = 100A/us, VDD≤ BVDSS, Starting at TJ =25℃
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com