Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS32S3 Datasheet(PDF) 13 Page - K.A. Schmersal GmbH & Co. KG

Part # ESS32S3
Description  Command and signalling devices
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

ESS32S3 Datasheet(HTML) 13 Page - K.A. Schmersal GmbH & Co. KG

Back Button ESS32S3 Datasheet HTML 9Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 10Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 11Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 12Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 13Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 14Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 15Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 16Page - K.A. Schmersal GmbH & Co. KG ESS32S3 Datasheet HTML 17Page - K.A. Schmersal GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
13
Type
Unlocking
Snap-action mechanism
A
B
C
Type designation
Material number
Emergency
stop
command
devices
Pull-to-unlatch
mechanism
Integrated
29
22.3
38.5
EDRZ40 RT
101177107
30.5
EDRZ40VH RT
101182360
Twist and
pull-to-unlatch
mechanism
External with
spring element EFR *
29
22.3
38.5
EDRR40 RT
101021009
49
EDRR50 RT
101021015
30.5
38.5
EDRR40VH RT
101024290
49
EDRR50VH RT
101024299
Release by key
(cover red)
External with spring
element EFR.EDRRS*
29
22.3
37.5
EDRRS40 RT
101025432
30.5
EDRRS40VH RT
101025435
* Spring element EFR or EFR.EDRRS must be ordered separately!
All dimensions in mm.
Key
A
Height
Height of command device in front of the front panel
B
Mounting-Ø
Installation diameter for the command device head
C
Key Ø
Width of command device head
Command and signalling devices – E program
Emergency stop control devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com