Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS33. Datasheet(PDF) 1 Page - K.A. Schmersal GmbH & Co. KG

Part # BPS33.
Description  Thermoplastic enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

BPS33. Datasheet(HTML) 1 Page - K.A. Schmersal GmbH & Co. KG

  BPS33. Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG BPS33. Datasheet HTML 2Page - K.A. Schmersal GmbH & Co. KG BPS33. Datasheet HTML 3Page - K.A. Schmersal GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
298
Schmersal Industrial Switchgear
88
78
1000
4,5
LED
ø5
BK 13
WH 21
14 BU
22 BN
BK 22
WH 32
14 BU
C BN
BK 11
WH 21
12 BU
22 BN
BK 13
WH 21
14 BU
22 BN
BK 22
WH 32
14 BU
C BN
GY 13
GN 21
WH 31
14 PK
22 YE
32 BN
BK 11
WH 21
12 BU
22 BN
Magnetic safety sensors
Rectangular design
BNS 33 range
5.
5.1
5.1.1
Features
• Thermoplastic enclosure
• With coding
• Long life, no mechanical wear
• IP 67
• Actuation only possible with BPS 33
• Insensitive to transverse misalignment
• Concealed mounting possible
• Insensitive to soiling
Notes
Contact symbols shown for the closed condition of the guard device.
The actuator for the magnetic safety sensors must be ordered separately.
HI C D
D
CH
USA
CAN
Approvals
1 NO
1 NO
1 NO
1 NC
2 NC
2 NC
2 NC
Contacts
BNS 33-11z
BNS 33-11z-2063
BNS 33-11zG
3
From AES range, which
fulfill Control Category 3
(see chapter 10.2)
BPS 33
Without LED
100 VAC/DC
Without LED
120 VAC/DC
With LED
24 VAC/DC
Control
category
With safety
monitoring
modules
Actuator
BNS 33-12z
BNS 33-12z-2063
BNS 33-12zG
1
AES 6112, 7112, 1102 or
1112 (see chapter 10.2)
Monitoring of
two guard devices
BPS 33
BNS 33-12z-2187
BNS 33-12zG-2187
1
AES 6112, 7112, 1102 or
1112 (see chapter 10.2)
Monitoring of up to
two guard devices
BPS 33
BNS 33-02z-2187
BNS 33-02zG-2187
4
AES 3337, AZR 31 R2 or
AZR 31 T2
(see chapter 10.2)
BPS 33
ZC D
S
USA
CAN
With LED


Similar Part No. - BPS33.

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
BPS33 SCHMERSAL-BPS33 Datasheet
97Kb / 2P
SWITCH, SAFETY, MAGNETIC; For Use With:Safety Sensors; IP / NEMA Rating:-; Product Range:-; Actuator...
2011-04-21
logo
B. B. Battery Co., Ltd.
BPS33-12F BB-BATTERY-BPS33-12F Datasheet
127Kb / 1P
Maintenance Free(topping up not needed)
BPS33-12H BB-BATTERY-BPS33-12H Datasheet
142Kb / 1P
Maintenance Free(topping up not needed)
BPS33-12S BB-BATTERY-BPS33-12S Datasheet
116Kb / 1P
Maintenance Free(topping up not needed)
BPS33-6 BB-BATTERY-BPS33-6 Datasheet
121Kb / 1P
Maintenance Free(topping up not needed)
More results

Similar Description - BPS33.

ManufacturerPart #DatasheetDescription
logo
Altech corporation
4-001-Q-10 ALTECH-4-001-Q-10 Datasheet
226Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
P2AS2-X ALTECH-P2AS2-X Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Selector Switch P2AS2-x (x=type)
P2APX ALTECH-P2APX Datasheet
242Kb / 1P
22 mm Thermoplastic Enclosure Projecting Push Button P2APx
P2AMPP4 ALTECH-P2AMPP4 Datasheet
271Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Pull Operator
P2AMLS4 ALTECH-P2AMLS4 Datasheet
264Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AML4 ALTECH-P2AML4 Datasheet
284Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AM4 ALTECH-P2AM4 Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
P2AFX ALTECH-P2AFX Datasheet
248Kb / 1P
22 mm Thermoplastic Enclosure Flush Momentary Operator P2AFx
logo
DB Lectro Inc
SSL11-J2LJ0 DBLECTRO-SSL11-J2LJ0 Datasheet
225Kb / 3P
Gold plated. thermoplastic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com