Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM240016 Datasheet(PDF) 2 Page - Microchip Technology

Part # DM240016
Description  PIC24FJ256GA7 Curiosity Development Boar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM240016 Datasheet(HTML) 2 Page - Microchip Technology

  DM240016 Datasheet HTML 1Page - Microchip Technology DM240016 Datasheet HTML 2Page - Microchip Technology DM240016 Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crafted for Cloud-Based Development
The PIC24FJ256GA7 Curiosity Development Board offers seamless integration with the Microchip
software tool chain, including the MPLAB Xpress Cloud-based IDE, XC16 compiler and MPLAB Code
Configurator for easy set-up and prototyping.
Internet of Things (IoT) Ready
Have an IoT design in mind? The PIC24FJ256GA7 Curiosity Board can help turn your IoT design idea
into reality. The board can enable applications with low power, low pin count and small footprint
requirements as in IoT sensor nodes. Out of the box, the board offers several options for user
interface—including switches, RGB LED, User LEDs and analog potentiometer. In addition, wireless
connectivity can easily be added using 2 mikroBUS™ interfaces and wireless connectivity click
boards™. A full complement of accessory boards is available via the MikroElectronika mikroBUS™
interfaces.
Features:
Features low cost PIC24FJ256GA705 eXtreme low power (XLP) microcontroller
• eXtreme Low Power with Low Voltage Retention Sleep current down to 190nA @ 25C for
longer battery life
• Integrated programmer/debugger with USB interface
• Analog potentiometer, multiple user LEDs, RGB LED and switches
• Full compatibility with MPLAB Xpress, MPLAB X IDE, XC16 compiler and MPLAB Code
Configurator
• Functionality expansion support with dual mikroBUS™ interfaces for click boards™
• Female headers to access microcontroller I/O pins
• Small prototyping area for the user to add additional components
Package Contents:
PIC24FJ256GA7 Curiosity Development Board
Accessories Support:
TMIK024 - ADC Click by MikroElektronika
ADC Click is an add-on board in the mikroBUS™ form factor. It includes a 12-bit Analog-to-Digital
Converter (ADC) MCP3204 device that features 50k samples/second, 4 input channels, and low-
power consumption (500nA typical standby, 2µA max). In addition, this board uses the industry-
standard SPI communication interface. It is small in size and features convenient screw terminals for
easier connections. By default, the board is set to use 3.3V of power. However, to use it with 5V
systems, just place the PWR SEL SMD jumper in the 5V position.
• Download ADC Click Board Demo Code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com