Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMIK025 Datasheet(PDF) 3 Page - Microchip Technology

Part # TMIK025
Description  PIC24FJ256GA7 Curiosity Development Boar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TMIK025 Datasheet(HTML) 3 Page - Microchip Technology

  TMIK025 Datasheet HTML 1Page - Microchip Technology TMIK025 Datasheet HTML 2Page - Microchip Technology TMIK025 Datasheet HTML 3Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TMIK025-DIGI POT Click by MikroElektronika
DIGIPOT Click is an add-on board in the mikroBUS™ form factor. It features a single-channel, digital
potentiometer device (MCP4161) with 8-bit resolution (256 wiper steps) and the industry-standard
SPI serial interface. The resistance value of the digital potentiometer goes up to 10 kΩ. This board
features outstanding AC/DC characteristics and low-power consumption. It can be used in audio
equipment, servo-motor control, battery charging and control, LCD contrast control, programmable
filters, and more.
• Download DIGI POT Click Board Demo Code
________________________________________
TMIK026 - DAC Click by MikroElektronika
DAC Click is an add-on board in the mikroBUS™ form factor. It includes a 12-bit, Digital-to-Analog
Converter device (MCP4921) that features an optional 2x buffered output and SPI interface. The
board provides high accuracy and low-noise performance for industrial applications where
calibration or compensation of signals such as temperature, pressure, and humidity are required.
The board is set to use the 3.3V power supply by default. You may solder the PWR SEL SMD jumper
to the 5V position for use with 5V systems.
• Download DAC Click Board Demo Code
________________________________________
TMIK028 - GPS Click with Active GPS Antenna
GPS Click is an add-on board in the mikroBUS™ form factor. It’s a compact solution for adding GPS
functionality to your device. It features the LEA-6S, high-performance u-blox 6 positioning engine.
The board can interface with a microcontroller via UART or I2C, or data can be acquired using the PC
application via USB. The board features a connector that is compatible with active and passive
antennas. It can operate on 3.3V of power only.
• Download GPS Click Board Demo Code
________________________________________
TMIK029 - RELAY Click by MikroElektronika
RELAY Click is an add-on board in the mikroBUS™ form factor. The board features two G6D1AASI-
5DC power relay modules, screw terminals for connecting external loads up to 5A, 250V AC/30V DC,
and on-board transistors to drive the relays.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com