Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC7215 Datasheet HTML 3Page - National Semiconductor (TI) LMC7215 Datasheet HTML 4Page - National Semiconductor (TI) LMC7215 Datasheet HTML 5Page - National Semiconductor (TI) LMC7215 Datasheet HTML 6Page - National Semiconductor (TI) LMC7215 Datasheet HTML 7Page - National Semiconductor (TI) LMC7215 Datasheet HTML 8Page - National Semiconductor (TI) LMC7215 Datasheet HTML 9Page - National Semiconductor (TI) LMC7215 Datasheet HTML 10Page - National Semiconductor (TI) LMC7215 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information (Continued)
LATCH-UP
In the past, most CMOS IC’s were susceptible to a damaging
phenomena known as latch-up. This occurred when an ESD
current spike or other large signal was applied to any of the
pins of an IC. The LMC7215 and LMC7225 both are de-
signed to make them highly resistant to this type of damage.
They have passed qualification tests with input currents on
any lead up to 300 mA at temperatures up to 125˚C.
SPICE MODELS
For a SPICE model of the LMC7215, LMC7225 and many
other op amps and comparators, contact the NSC Customer
Response Center at 800-272-9959 or on the World Wide
Web at http://www.national.com/models/index.html.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin SOIC
LMC7215IM
LMC7215IM
95 Units/Rail
M08A
LMC7215IMX
2.5k Units Tape and Reel
5-Pin SOT23
LMC7215IM5
C02B
1k Units Tape and Reel
MF05A
LMC7215IM5X
3k Units Tape and Reel
LMC7225IM5
C03B
1k Units Tape and Reel
LMC7225IM5X
3k Units Tape and Reel
SOT-23-5 Tape and Reel Specification
REEL DIMENSIONS
01285310
8 mm
7.00
0.059
0.512
0.795
2.165
0.331 + 0.059/−0.000
0.567
W1+ 0.078/−0.039
330.00
1.50
13.00
20.20
55.00
8.40 + 1.50/−0.00
14.40
W1 + 2.00/−1.00
Tape Size
A
B
C
D
N
W1
W2
W3
01285309
FIGURE 6.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com