Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0805 Datasheet(PDF) 2 Page - AVX Corporation

Part # LP0805
Description  Thin-Film Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LP0805 Datasheet(HTML) 2 Page - AVX Corporation

  LP0805 Datasheet HTML 1Page - AVX Corporation LP0805 Datasheet HTML 2Page - AVX Corporation LP0805 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
87
4
Thin-Film Low Pass Filter
LP0805 Type Harmonic
ELECTRICAL CHARACTERISTICS
Application
Part
Frequency
I. Loss
VSWR
Attenuation
Layout Type
Layout Type F
Number
Band (MHz)
max
max
(dB) Typical
(SnPb)
Marking Code
E-GSM
LP0805A0897AW
880 - 915
A
E
LP0805A0942AW
925 - 960
A
F
GSM
LP0805A0902AW
890 - 915
A
E
LP0805A0947AW
935 - 960
A
F
LP0805A1119AW
1101 - 1137
A
H
AMPS
LP0805A0836AW
824 - 849
A
A
LP0805A0881AW
869 - 894
A
C
PCN
LP0805A1747AW
1710 - 1785
0.4dB
1.7
30 @ 2XFo
D
I
LP0805A1842AW
1805 - 1880
(0.3dB typ)
20 @ 3xFo
D
J
PCS
LP0805A1880AW
1850 - 1910
D
K
LP0805A1960AW
1930 - 1990
D
M
PHP
LP0805A1907AW
1895 - 1920
D
L
DECT
LP0805A1890AW
1880 - 1900
D
K
3G
LP0805A2150AW
1905 - 2180
D
N
Wireless LAN
LP0805A2442AW
2400 - 2484
D
S
WLL
LP0805A3500AW
3400 ~ 3600
E
X
Typical Electrical Performance
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
02
4
6
8
13
5
7
10
9
Frequency (GHz)
LP0805A1950AWTR
Fo
2Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
LP0805A1119AWTR
Fo
2Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
0
1
23
4
5
67
8
9
10
Frequency (GHz)
LP0805A2150AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
02
4
6
8
13
5
7
10
9
Frequency (GHz)
LP0805A2442AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
02
4
6
8
13
5
7
10
911
13
12
Frequency (GHz)
LP0805A3500AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
02
4
6
8
13
5
7
10
9
Frequency (GHz)
LP0805A1747AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
01
23
4
0.5
1.5
2.5
3.5
Frequency (GHz)
LP0805A0967AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
02
4
6
8
13
5
7
10
9
Frequency (GHz)
LP0805A1842AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
01
23
4
0.5
1.5
2.5
3.5
Frequency (GHz)
LP0805A0836AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
01
23
4
0.5
1.5
2.5
3.5
Frequency (GHz)
LP0805A0881AWTR
2Fo
Fo
3Fo
0
-10
-20
-30
-40
-50
-60
-70
01
23
4
0.5
1.5
2.5
3.5
Frequency (GHz)
LP0805A0902AWTR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com