Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7215IM
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC7215IM Datasheet HTML 1Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 2Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 3Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 4Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 5Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 6Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 7Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 8Page - National Semiconductor (TI) LMC7215IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LMC7215/LMC7225
Micro-Power, Rail-to-Rail CMOS Comparators with
Push-Pull/Open-Drain Outputs and TinyPak™ Package
General Description
The LMC7215/LMC7225 are ultra low power comparators
with a maximum of 1 µA power supply current. They are
designed to operate over a wide range of supply voltages,
from 2V to 8V.
The LMC7215/LMC7225 have a greater than rail-to-rail com-
mon mode voltage range. This is a real advantage in single
supply applications.
The LMC7215 features a push-pull output stage. This fea-
ture allows operation with absolute minimum amount of
power consumption when driving any load.
The LMC7225 features an open drain output. By connecting
an external resistor, the output of the comparator can be
used as a level shifter to any desired voltage to as high as
15V.
The LMC7215/LMC7225 are designed for systems where
low power consumption is the critical parameter.
Guaranteed operation over the full supply voltage range of
2.7V to 5V and rail-to-rail performance makes this compara-
tor ideal for battery-powered applications.
Features
(Typical unless otherwise noted)
n
Ultra low power consumption 0.7 µA
n
Wide range of supply voltages 2V to 8V
n
Input common-mode range beyond V
+ and V−
n
Open collector and push-pull output
n
High output current drive: (@ V
S = 5V) 45 mA
n
Propagation delay (@ V
S = 5V, 10 mV overdrive) 25 µs
n
Tiny 5-Pin SOT23 package
n
Latch-up resistance >300 mA
Applications
n
Laptop computers
n
Mobile phones
n
Metering systems
n
Hand-held electronics
n
RC timers
n
Alarm and monitoring circuits
n
Window comparators, multivibrators
Connection Diagrams
8-Pin SOIC
01285301
Top View
5-Pin SOT23
01285302
Top View
TinyPak™ is a trademark of National Semiconductor Corporation.
September 2006
© 2006 National Semiconductor Corporation
DS012853
www.national.com


Similar Part No. - LMC7215IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215IM NSC-LMC7215IM Datasheet
360Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM/NOPB TI-LMC7215IM/NOPB Datasheet
1Mb / 19P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
National Semiconductor ...
LMC7215IM5 NSC-LMC7215IM5 Datasheet
360Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM5 TI-LMC7215IM5 Datasheet
1Mb / 19P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
More results

Similar Description - LMC7215IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
TLV1811 TI1-TLV1811_V03 Datasheet
2Mb / 46P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com