Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSS36-I2-D-R-ST-DU Datasheet(PDF) 1 Page - K.A. Schmersal GmbH & Co. KG

Part # RSS36-I2-D-R-ST-DU
Description  Repeated individual coding with RFID technology
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

RSS36-I2-D-R-ST-DU Datasheet(HTML) 1 Page - K.A. Schmersal GmbH & Co. KG

  RSS36-I2-D-R-ST-DU Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATASHEET
RSS 36-I2-D-R-ST-DU
Repeated individual coding with RFID technology
Coding level "High" according to ISO 14119
1 x connector socket M12, 8-pole
Actuation from side
Thermoplastic enclosure
RFID-technology for needs-based protection against tampering
Misaligned actuation possible
27 mm x 108.2 mm x 35 mm
High repeat accuracy of the switching points
2 short-circuit proof PNP safety outputs
Integral cross-short, wire-breakage and external voltage monitoring of the
safety cables up to the control cabinet
Schmersal, Inc., 15 Skyline Drive, Hawthorne, NY 10532
The details and data referred to have been carefully checked. Images may diverge from original. Further technical data
can be found in the manual. Technical amendments and errors possible.
Generated on: 10/10/2022, 7:54 AM


Similar Part No. - RSS36-I2-D-R-ST-DU

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
RSS310LT JINGHENG-RSS310LT Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
TE Connectivity Ltd
RSS312KJTB TEC-RSS312KJTB Datasheet
59Kb / 1P
High Voltage Resistors
RSS356RJTB TEC-RSS356RJTB Datasheet
59Kb / 1P
High Voltage Resistors
More results

Similar Description - RSS36-I2-D-R-ST-DU

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332_08 Datasheet
463Kb / 9P
Quad Video Switch with Individual Enables
logo
List of Unclassifed Man...
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
logo
STMicroelectronics
TN0076 STMICROELECTRONICS-TN0076 Datasheet
351Kb / 6P
Improving PCB traceability with RFID technology
25-Mar-2009
logo
Cherry Semiconductor Co...
EZN4100LCMUS2 CHERRY-EZN4100LCMUS2 Datasheet
313Kb / 3P
Individual keys with Gold Crosspoint contacts (ML technology)
G81-1800 CHERRY-G81-1800 Datasheet
55Kb / 4P
Mechanical individual keys with membrane contact switches
logo
ELATEC GmbH
T4BK-BB7BLZ6-5P ELATEC-T4BK-BB7BLZ6-5P Datasheet
211Kb / 2P
TechTracer LEGIC RFID technology analyzing tool
11/2023
T4BK-FB7BLZ7-PI ELATEC-T4BK-FB7BLZ7-PI Datasheet
211Kb / 2P
TechTracer RFID technology analyzing tool
11/2023
T4LK-BB4BLZ6-5P ELATEC-T4LK-BB4BLZ6-5P Datasheet
228Kb / 2P
TechTracer LEGIC Lite RFID technology analyzing tool
11/2023
T4LK-FB4BLZ-PI ELATEC-T4LK-FB4BLZ-PI Datasheet
228Kb / 2P
TechTracer Lite RFID technology analyzing tool
11/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com