Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILR-IO01-85SL-LEDIL-SC221 Datasheet(PDF) 10 Page - Intelligent LED Solutions

Part # ILR-IO01-85SL-LEDIL-SC221
Description  OSLON Black IR LEDiL Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILR-IO01-85SL-LEDIL-SC221 Datasheet(HTML) 10 Page - Intelligent LED Solutions

Back Button ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 3Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 4Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 5Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 6Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 7Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 8Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 9Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 10Page - Intelligent LED Solutions ILR-IO01-85SL-LEDIL-SC221 Datasheet HTML 11Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© IGS Version V1
+44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
10 of 11
SAFETY INFORMATION
The LEDiL Selector module itself and all its components must
not be mechanically stressed.
Assembly must not damage or destroy conducting paths on
the circuit board.
The mounting of the module is carried out by attaching
it at the mounting holes. Metal mounting screws must be
insulated with synthetic washers to prevent circuit board
damage and possible short circuiting.
To avoid mechanical damage to the connecting cables,
the boards should be attached securely to the intended
substrate. Heavy vibration should be avoided.
Observe correct polarity! Depending on the product,
incorrect polarity will lead to emission of red or no light. The
module can be destroyed!
Pay attention to standard ESD precautions when installing
the LEDiL Selector.
The LEDiL Selector, as manufactured, have no conformal
coating and therefore offer no inherent protection against
corrosion. Damage by corrosion will not be accepted as
a materials defect claim. It is the user’s responsibility to
provide suitable protection against corrosive agents such as
moisture and condensation and other harmful elements.
For outdoor usage, a housing is definitely required to
protect the board against environmental influences. The
design of the housing must correspond to the IP standards
in the application. It is also the responsibility of the user to
ensure any housings or modifications keep the Tc junction
temperature to within stated ranges.
To also ease the luminaire/installation approval, electronic
control gear for LED or LED modules should carry the CE
mark and be ENEC certified. In Europe the declarations
of conformity must include the following standards: CE: EC
61374-2-13, EN 55015, IEC 61547 and IEC 61000-3-2 -
ENEC: 61374-2-13 and IEC/EN 62384.
The evaluation of eye safety occurs according to the
standard IEC 62471:2006 (“photobiological safety of
lamps and lamp systems”). Within the risk grouping system
of this CIE standard, the LED specified in this datasheet
falls into the class “moderate risk” (exposure time 0.25s).
Under real circumstances (for exposure time, eye pupils,
observation distance), it is assumed that no endangerment
to the eye exists from these devices. As a matter of principle,
however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their
blinding effect. As is also true when viewing other bright
light sources (e.g. headlights), temporary reduction in
visual acuity and afterimages can occur, leading to
irritation, annoyance, visual impairment and even accidents,
depending on the situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com