Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1289000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1289000000
Description  BUL 10.16HP/02/180 4.5AG BK BX SO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1289000000 Datasheet(HTML) 4 Page - Weidmuller

  1289000000 Datasheet HTML 1Page - Weidmuller 1289000000 Datasheet HTML 2Page - Weidmuller 1289000000 Datasheet HTML 3Page - Weidmuller 1289000000 Datasheet HTML 4Page - Weidmuller 1289000000 Datasheet HTML 5Page - Weidmuller 1289000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data sheet
BUL 10.16HP/02/180 4.5AG BK BX SO
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Drawings
 
Product image
 
Dimensioned drawing
 
Graph
 
Graph
 
 
Creation date 24.02.2026 10:15:49 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com