Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400 Datasheet(HTML) 1 Page - STMicroelectronics

  M29W400 Datasheet HTML 1Page - STMicroelectronics M29W400 Datasheet HTML 2Page - STMicroelectronics M29W400 Datasheet HTML 3Page - STMicroelectronics M29W400 Datasheet HTML 4Page - STMicroelectronics M29W400 Datasheet HTML 5Page - STMicroelectronics M29W400 Datasheet HTML 6Page - STMicroelectronics M29W400 Datasheet HTML 7Page - STMicroelectronics M29W400 Datasheet HTML 8Page - STMicroelectronics M29W400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
April 2000
M29W400BT
M29W400BB
4 Mbit (512Kb x8 or 256Kb x16, Boot Block)
Low Voltage Single Supply Flash Memory
s
SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for
PROGRAM, ERASE and READ OPERATIONS
s
ACCESS TIME: 55ns
s
PROGRAMMING TIME
–10
µs per Byte/Word typical
s
11 MEMORY BLOCKS
– 1 Boot Block (Top or Bottom Location)
– 2 Parameter and 8 Main Blocks
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte/Word Program algorithm
– Embedded Multi-Block/Chip Erase algorithm
– Status Register Polling and Toggle Bits
– Ready/Busy Output Pin
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
20 YEARS DATA RETENTION
– Defectivity below 1 ppm/year
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Top Device Code M29W400BT: 00EEh
– Bottom Device Code M29W400BB: 00EFh
Figure 1. Logic Diagram
AI02934
18
A0-A17
W
DQ0-DQ14
VCC
M29W400BT
M29W400BB
E
VSS
15
G
RP
DQ15A–1
BYTE
RB
44
1
TSOP48 (N)
12 x 20mm
SO44 (M)


Similar Part No. - M29W400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400 STMICROELECTRONICS-M29W400 Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400B STMICROELECTRONICS-M29W400B Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400B-100M1R STMICROELECTRONICS-M29W400B-100M1R Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400B-100M1TR STMICROELECTRONICS-M29W400B-100M1TR Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W400B-100M5R STMICROELECTRONICS-M29W400B-100M5R Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
More results

Similar Description - M29W400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Jun-2001
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
09-Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com