Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z111 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M40Z111
Description  5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z111 Datasheet(HTML) 2 Page - STMicroelectronics

  M40Z111 Datasheet HTML 1Page - STMicroelectronics M40Z111 Datasheet HTML 2Page - STMicroelectronics M40Z111 Datasheet HTML 3Page - STMicroelectronics M40Z111 Datasheet HTML 4Page - STMicroelectronics M40Z111 Datasheet HTML 5Page - STMicroelectronics M40Z111 Datasheet HTML 6Page - STMicroelectronics M40Z111 Datasheet HTML 7Page - STMicroelectronics M40Z111 Datasheet HTML 8Page - STMicroelectronics M40Z111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M40Z111, M40Z111W
2/15
TABLE OF CONTENTS
SUMMARY DESCRIPTION ... ...... ....... ...... ....... ...... ....... ...... ...... .....3
Logic Diagram (Figure 2.) . ...... ....... ...... ....... ...... ....... ...... ...... .....3
Signal Names (Table 1.) .. ...... ....... ...... ....... ...... ....... ...... ...... .....3
SOIC28 Connections (Figure 3.) .. ....... ...... ....... ...... ....... ...... ...... .....3
Hardware Hookup (Figure 4.) .... ....... ...... ....... ...... ....... ...... ...... .....4
MAXIMUM RATING... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....4
Absolute Maximum Ratings (Table 2.) .... ...... ....... ...... ....... ...... ...... ..... 4
DC AND AC PARAMETERS. . ...... ....... ...... ....... ...... ....... ...... ...... .....5
DC and AC Measurement Conditions (Table 3.) . . . ....... ...... ....... ...... ...... .....5
AC Testing Load Circuit (Figure 5.) ....... ...... ....... ...... ....... ...... ...... .....5
Capacitance (Table 4.) . . . ...... ....... ...... ....... ...... ....... ...... ...... .....5
DC Characteristics (Table 5.) .... ....... ...... ....... ...... ....... ...... ...... .....6
OPERATION . ....... ...... ...... ....... ...... ....... ...... ....... ...... ...... .....7
Data Retention Lifetime Calculation ...... ...... ....... ...... ....... ...... ...... .....7
Power Down Timing (Figure 6.) ... ....... ...... ....... ...... ....... ...... ...... .....8
Power Up Timing (Figure 7.) ..... ....... ...... ....... ...... ....... ...... ...... .....8
Power Down/Up AC Characteristics (Table 6.) .... ....... ...... ....... ...... ...... .....9
VCC Noise And Negative Going Transients . ...... ....... ...... ....... ...... ...... ..... 9
Supply Voltage Protection (Figure 8.) ..... ...... ....... ...... ....... ...... ...... .....9
PART NUMBERING .. ...... ...... ....... ...... ....... ...... ....... ...... ...... ....10
Battery Table (Table 8.) ... ...... ....... ...... ....... ...... ....... ...... ...... ....10
PACKAGE MECHANICAL INFORMATION . . . ...... ....... ...... ....... ...... ...... ....11
REVISION HISTORY. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com