Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8M30T800HC Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # T8M30T800HC
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T8M30T800HC Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  T8M30T800HC Datasheet HTML 1Page - Inchange Semiconductor Company Limited T8M30T800HC Datasheet HTML 2Page - Inchange Semiconductor Company Limited T8M30T800HC Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Thyristors
T8M30T800HC
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX
UNIT
IRRM/IDRM
Repetitive Peak Reverse Current
DC Rated VRRM/VDRM, TJ= 25℃
--
--
5.0
uA
DC Rated VRRM/VDRM, TJ= 125℃
--
--
0.5
mA
VTM
On-state Voltage
ITM= ±8A peak @TP≤2.0ms,
duty cycle≤2%
--
--
1.5
V
IGT1 /IGT2
/IGT3
Gate-trigger Current
VD= 12V, RL= 100Ω
--
--
30
mA
VGT1/VGT2
VGT3
Gate-trigger Voltage
VD= 12V, RL= 100Ω
--
--
1.0
V
IH1
Holding Current
VD= 12V, RL= 100Ω
--
--
35
mA
IH3
Holding Current
VD= 12V, RL= 100Ω
--
--
50
mA
IL1
Latching Current
VD= 12V, RL= 100Ω
--
--
35
mA
IL2
Latching Current
VD= 12V, RL= 100Ω
--
--
45
mA
IL3
Latching Current
VD= 12V, RL= 100Ω
--
--
35
mA
dv/dt
Critical Rate of Rise of Off-state
Voltage
VD= 0.67VDRM , TJ= 125℃
1000
--
--
V/us



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com