Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84W Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41ST84W
Description  5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 5 Page - STMicroelectronics

  M41ST84W Datasheet HTML 1Page - STMicroelectronics M41ST84W Datasheet HTML 2Page - STMicroelectronics M41ST84W Datasheet HTML 3Page - STMicroelectronics M41ST84W Datasheet HTML 4Page - STMicroelectronics M41ST84W Datasheet HTML 5Page - STMicroelectronics M41ST84W Datasheet HTML 6Page - STMicroelectronics M41ST84W Datasheet HTML 7Page - STMicroelectronics M41ST84W Datasheet HTML 8Page - STMicroelectronics M41ST84W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5/31
M41ST84Y, M41ST84W
Figure 4. 16-pin SOIC Connections
Figure 5. 28-pin SOIC Connections
Figure 6. Block Diagram
Note: 1. Open drain output
AI03678
8
2
3
4
5
6
7
9
10
11
12
13
14
16
15
1
RSTIN
WDI
IRQ/FT/OUT
SDA
VBAT
PFI
NC
SQW
SCL
NC
PFO
VSS
RST
XO
XI
VCC
M41ST84Y
M41ST84W
AI03679
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN
NC
NC
NC
NC
WDI
NC
NC
IRQ/FT/OUT
NC
NC
NC
NC
PFI
SCL
NC
NC
PFO
VSS
SDA
RST
NC
SQW
VCC
M41ST84Y
M41ST84W
NC
NC
NC
NC
AI03931
COMPARE
VPFD = 4.4V
VCC
COMPARE
VSO = 2.5V
POWER
VBL= 2.5V
BL
COMPARE
Crystal
I2C
INTERFACE
REAL TIME CLOCK
CALENDAR
44 BYTES
USER RAM
RTC w/ALARM
& CALIBRATION
WATCHDOG
SQUARE WAVE
SDA
SCL
1.25V
PFI
PFO
RSTIN
POR
SQW
RST
(1)
WDI
WDF
AF
IRQ/FT/OUT
(1)
VBAT
32KHz
OSCILLATOR
COMPARE
(2.65V for ST84W)
(Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com