Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI8 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI8 Datasheet HTML 2Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 3Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 4Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
©2016-2023 Renesas Electronics Corporation
November 20, 2023
8P34S2108 Datasheet
Table 6. Power Supply DC Characteristics, VDDA = VDDB = VDDQA = VDDQB = 1.8V ±5%, TA = -40°C to +85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VDDQA,
VDDQB
Power Supply Voltage
1.71
1.8
1.89
V
VDDQA,
VDDQB
Output Supply Voltage
1.71
1.8
1.89
V
IDDA +
IDDB +
IDDQA +
IDDQB
Core and Output
Supply Current
QA[0:7], QB[0:7] Outputs
Terminated 100
between nQx, Qx
500mV amplitude
-
400
495
mA
350mV amplitude
-
280
345
mA
IDDA +
IDDB +
IDDQA +
IDDQB
Core and Output
Supply Current
QA[0:7], QB[0:7] Outputs
disabled, SELAA =
SELAB = 1
-
48
77
mA
Table 7. Power Supply DC Characteristics, VDDA = VDDB = VDDQA = VDDQB = 2.1V–2.7V, TA = -40°C to +85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VDDQA,
VDDQB
Power Supply Voltage
2.1
2.5
2.7
V
VDDQA,
VDDQB
Output Supply Voltage
2.1
2.5
2.7
V
IDDA +
IDDB +
IDDQA +
IDDQB
Core and Output
Supply Current
QA[0:7], QB[0:7] Outputs
Terminated 100
between nQx, Qx
500mV amplitude
-
418
525
mA
350mV amplitude
-
290
365
mA
IDDA +
IDDB +
IDDQA +
IDDQB
Core and Output
Supply Current
QA[0:7], QB[0:7] Outputs
disabled, SELAA =
SELAB = 1
-
48
77
mA
Table 8. LVCMOS Inputs DC Characteristics, VDDA = VDDB = VDDQA = VDDQB = 1.8V ±5%, 2.1V–2.7V,
TA = -40°C to +85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
VIH
Input High Voltage
SELAA, SELAB
0.75 · VDD[a]
[a] VDD denotes VDDA, VDDB.
-
VDD[a] + 0.3
V
VIL
Input Low Voltage
SELAA, SELAB
-0.3
-
0.25 · VDD[a]
V
IIH
Input High Current
SELAA, SELAB
VIN = VDD[a] = 1.89V, 2.7V
-
-
150
µA
IIL
Input Low Current
SELAA, SELAB
VIN = 0V, VDD[a] = 1.89V, 2.7V
-150
-
-
µA
ILEAK
Input Leakage
Current
SELAA, SELAB
VIN = 2.7V, VDD[a] = 0V
-
-
250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com