Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT3-4B Datasheet(PDF) 12 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CLT3-4B_07 Datasheet HTML 5Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 6Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 7Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 8Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 9Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 10Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 11Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 12Page - STMicroelectronics CLT3-4B_07 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
CLT3-4B
12/13
4
Ordering information
5
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
CLT3-4BT6
CLT3-4B
TSSOP20
0.074 g
74
Tube
CLT3-4BT6-TR
CLT3-4B
TSSOP20
0.074 g
2500
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
August-2002
4A
Previous release.
27-Nov-2007
5
Reformatted and restructured to current standard. Updated
Figure 2, Figure 9, Figure 10, Figure 11, and deleted Figure 12.
Added paragraphs to Functional description and Application
information. Extended application field with a new diagram
(Figure 11) for reverse polarity test. Updated Package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com