Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4096 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4096
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4096 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4096 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4096 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4096 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IST4096
eq KC3FB40H
Thyristors
www.iscsemi.com
1
FEATURES
· Small SMD
· High Sensitivity
· Pb Free Terminal
APPLICATIONS
· Marine Electronic Equipment
· Traffic Signal Control Systems
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
400
V
VRRM
Repetitive Peak Reverse Voltage
400
V
IT(AV)
Maximum Average On-state Current
Tc=111℃, 50Hz sine wave, θ=180°
3
A
IT(RMS)
On-state current,Tc=113℃, 50Hz sine wave, θ=180°
4
A
ITSM
Peak surge on-state current
Tj=25℃, 50Hz sine wave,
θ
=180°, Non repetitive
40
A
I2t
Current squared time
Tj=25℃, 1ms≦t≦10ms,
Non repetitive
8
A2s
PGM
Peak gate dissipation
1
W
PG(AV)
Average gate dissipation
0.2
W
IGM
Peak gate forward current
0.5
A
di/dt
Repetitive Rate Of Rise Of On-state Current After Triggering
50
A/us
TJ
Operating Junction Temperature
-40 ~+125
℃
Tstg
Storage Temperature
-55 ~+150
℃


Similar Part No. - IST4096

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4099 ISC-IST4099 Datasheet
371Kb / 3P
Thyristors
More results

Similar Description - IST4096

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com