Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4100 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4100
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4100 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4100 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4100 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4100 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IST4100
eq S6055RTP
Thyristors
www.iscsemi.com
1
FEATURES
· Excellent unidirectional switches for phase
controlapplications such as heating and motor
speed controls
APPLICATIONS
· AC solid-state switches
· industrialpower tools
· commercial appliances
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive Peak Off-state Voltage
600
V
VRRM
Repetitive Peak Reverse Voltage
600
V
IT(AV)
Average on-state current,Tc=90℃
35
A
IT(RMS)
RMS on-state current,Tc=90℃
55
A
ITSM
Peak non-repetitive
surge current
single half cycle; f = 50Hz
550
A
single half cycle; f = 60Hz
650
A
I2t
I2t Value for fusing,tp=8.3ms
1750
A2s
PG(AV)
Average gate power dissipation,TJ=125℃
0.8
W
IGM
Peak gate current,PW=10us,TJ=125℃
4.0
A
di/dt
Critical rate of rise of on-state current,f= 60HZ,TJ=125℃
175
A/us
TJ
Operating Junction Temperature
-40~125
℃
Tstg
Storage Temperature
-40~150
℃
dv/dt
VD=VDRM
TJ= 100℃
500
V/us


Similar Part No. - IST4100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4103 ISC-IST4103 Datasheet
371Kb / 3P
Thyristors
IST4104 ISC-IST4104 Datasheet
370Kb / 3P
Thyristors
IST4107 ISC-IST4107 Datasheet
432Kb / 3P
Thyristors
More results

Similar Description - IST4100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com