Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC549_07 Datasheet HTML 9Page - Texas Instruments TMS320VC549_07 Datasheet HTML 10Page - Texas Instruments TMS320VC549_07 Datasheet HTML 11Page - Texas Instruments TMS320VC549_07 Datasheet HTML 12Page - Texas Instruments TMS320VC549_07 Datasheet HTML 13Page - Texas Instruments TMS320VC549_07 Datasheet HTML 14Page - Texas Instruments TMS320VC549_07 Datasheet HTML 15Page - Texas Instruments TMS320VC549_07 Datasheet HTML 16Page - Texas Instruments TMS320VC549_07 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating case temperature range (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage‡
VDD = 3.3"0.3 V, IOH = MAX
2.4
V
VOL
Low-level output voltage‡
IOL = MAX
0.4
V
IIZ
Input
current in
high
A[22:0]
VDD = MAXk
− 150
250
µA
IIZ
high
impedan
ce
All other pins
VDD = MAX, VI = VSS to VDD
−10
10
µA
TRST
With internal pulldown
−10
800
Input
HPIENA
With internal pulldown, RS = 0
−10
400
II
Input
current
TMS, TCK, TDI, HPI||
With internal pullups
−400
10
A
II
current
(VI =VSS
to VDD)
D[15:0], HD[7:0]
Bus holders enabled, VDD = MAXk
−150
250
µA
(VI =VSS
to VDD)
X2/CLKIN
Oscillator enabled
−40
40
All other input-only pins
−10
10
IDDC
Supply current, core CPU
CVDD = 2.5 V, fx = 40 MHz,§ TC = 25°C
20¶
mA
IDDP
Supply current, pins
DVDD = 3.3 V, fx = 40 MHz,§ TC = 25°C
12#
mA
IDLE2
PLL
× 1 mode, 40 MHz input
2
mA
IDD
Supply
current,
IDLE3
Divide-by-two mode, CLKIN stopped
(VC549-80 and VC549-100)
15
µA
IDD
current,
standby
IDLE3
Divide-by-two mode, CLKIN stopped
(VC549-120 only)
25
°C
5
mA
Divide-by-two mode, CLKIN stopped
(VC549-120 only)
100
°C
50
mA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
† All values are typical unless otherwise specified.
‡ All input and output voltage levels except RS, INT0 −INT3, NMI, CNT, X2/CLKIN, CLKMD0 −CLKMD3 are LVTTL-compatible.
§ Clock mode: PLL × 1 with external source
¶ This value was obtained with 50% usage of MAC and 50% usage of NOP instructions. Actual operating current varies with program being
executed.
# This value was obtained with single-cycle external writes, CLKOFF = 0 and load = 15 pF. For more details on how this calculation is performed,
refer to the Calculation of TMS320LC54x Power Dissipation application report (literature number SPRA164).
|| HPI input signals except for HPIENA.
kVIL(MIN) ≤ VI ≤ VIL(MAX) or VIH(MIN) ≤ VI ≤ VIH(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com