Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2901 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C2901
Description  4-bit Microprocessor Slice Megafunction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2901 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C2901 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2901 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2901 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2901 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CAST C2901 Megafuction Datasheet
Pin Description
Name
Type
Description
CP
Input
Clock
I[8:0]
Input
Instruction/Microcode
D[3:0]
Input
Data Input
A[3:0]
Input
A-port Address
B[3:0]
Input
B-port Address
CN
Input
Carry In
Q0IN
Input
Shift Line – Q Register
RAM0IN
Input
Shift Line – RAM Stack
Q3IN
Input
Shift Line – Q Register
RAM3IN
Input
Shift Line – RAM Stack
Y[3:0]
Output
Data Output
GN
Output
Carry Generate
PN
Output
Carry Propagate
OVR
Output
Overflow
F0
Output
ALU outputs are zero
F3
Output
ALU MSB
CNP4
Output
Carry out
Q0OUT
Output
Shift Line – Q Register
RAM0OUT
Output
Shift Line – RAM Stack
Q3OUT
Output
Shift Line – Q Register
RAM3OUT
Output
Shift Line – RAM Stack
FEQEN
Output
ALU outputs are zero (control for Open Collector Output)
Q0EN
Output
Enable for Q0 Tristate Output
Q3EN
Output
Enable for Q3 Tristate Output
RAM0EN
Output
Enable for RAM0 Tristate Output
RAM3EN
Output
Enable for RAM3 Tristate Output
Functional Description
This section describes the Block Diagram below. A description of each of the blocks in the
diagram is given here.
Dual Port RAM
The internal memory is a 4 bit by 16 Dual Port RAM. It is addressed for writing by the B Port
and for reading by both the A and B Ports. The input data is defined by a microinstruction
decoded from 3 bits of the 9-bit I Port.
RAM Latch
These latches store the outputs of the Dual Port RAM. They are clocked using the CP input.
Q Register
This section describes the internal register. It is selected using the Instruction input (I) and
clocked with the CP input.
CAST, Inc.
Page
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com