Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF90ABPT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF90ABPT
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF90ABPT Datasheet(HTML) 1 Page - STMicroelectronics

  LF90ABPT Datasheet HTML 1Page - STMicroelectronics LF90ABPT Datasheet HTML 2Page - STMicroelectronics LF90ABPT Datasheet HTML 3Page - STMicroelectronics LF90ABPT Datasheet HTML 4Page - STMicroelectronics LF90ABPT Datasheet HTML 5Page - STMicroelectronics LF90ABPT Datasheet HTML 6Page - STMicroelectronics LF90ABPT Datasheet HTML 7Page - STMicroelectronics LF90ABPT Datasheet HTML 8Page - STMicroelectronics LF90ABPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LF00AB/C
SERIES
VERY LOW DROP
VOLTAGE REGULATORS WITH INHIBIT
July 1999
s
VERY LOW DROPOUT VOLTAGE (0.45V)
s
VERY LOW QUIESCENT CURRENT
(TYP. 50
µA IN OFF MODE, 500µAIN ON
MODE)
s
OUTPUT CURRENT UP TO 500 mA
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGES OF 1.25; 1.5; 1.8; 2.5;
2.7; 3; 3.3; 3.5; 4; 4.5; 4.7; 5; 5.2; 5.5; 6; 8; 8.5;
9; 12V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
ONLY 2.2
µF FOR STABILITY
s
AVAILABLE IN
± 1% (AB) OR ± 2% (C)
SELECTION AT 25
oC
s
SUPPLY VOLTAGE REJECTION: 80 db (TYP.)
s
TEMPERATURE RANGE: -40 TO 125
oC
DESCRIPTION
The LF00 series are very Low Drop regulators
available
in
PENTAWATT,
TO-220,
ISOWATT220, DPAK and PPAK package and in
a wide range of output voltages.
The very Low Drop voltage (0.45V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
In the 5 pins configuration (PENTAWATT and
PPAK) a Shutdown Logic Control function is
available (pin 2, TTL compatible). This means
that when the device is used as a local regulator,
it is
possible to put a part of the board in
standby, decreasing the total power consumption.
In the three terminal configuration the device has
the same electrical performance, but is fixed in
SCHEMATIC DIAGRAM
PPAK
DPAK
PENTAWATT
TO-220
ISOWATT220
®
1/32


Similar Part No. - LF90ABPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF90ABPT STMICROELECTRONICS-LF90ABPT Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF90ABPT STMICROELECTRONICS-LF90ABPT Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LF90ABPT-TR STMICROELECTRONICS-LF90ABPT-TR Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
LF90ABPT-TR STMICROELECTRONICS-LF90ABPT-TR Datasheet
1,016Kb / 45P
Very low drop voltage regulators with inhibit
26-Jul-2007
LF90ABPT-TR STMICROELECTRONICS-LF90ABPT-TR Datasheet
1Mb / 49P
Very low drop voltage regulators with inhibit
12-Feb-2008
More results

Similar Description - LF90ABPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com