Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1671000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1671000000
Description  BLZF 5.08/10/90 SN OR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1671000000 Datasheet(HTML) 4 Page - Weidmuller

  1671000000 Datasheet HTML 1Page - Weidmuller 1671000000 Datasheet HTML 2Page - Weidmuller 1671000000 Datasheet HTML 3Page - Weidmuller 1671000000 Datasheet HTML 4Page - Weidmuller 1671000000 Datasheet HTML 5Page - Weidmuller 1671000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension spring connection, pitch 5.00/5.08 | BLZF 5.08/90/270 | BLZF 5.08/90
- 4 -
1671050000
BLZF 5.08/5/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 5, 90°, Box
1670830000
BLZF 5.08/6/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 6, 90°, Box
1671060000
BLZF 5.08/6/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 6, 90°, Box
1670840000
BLZF 5.08/7/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 7, 90°, Box
1671070000
BLZF 5.08/7/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 7, 90°, Box
1670850000
BLZF 5.08/8/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 90°, Box
1671080000
BLZF 5.08/8/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 8, 90°, Box
1670860000
BLZF 5.08/9/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 90°, Box
1671090000
BLZF 5.08/9/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 9, 90°, Box
1671100000
BLZF 5.08/10/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 10, 90°, Box
1670880000
BLZF 5.08/11/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 90°, Box
1671110000
BLZF 5.08/11/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 11, 90°, Box
1670890000
BLZF 5.08/12/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 90°, Box
1671120000
BLZF 5.08/12/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 12, 90°, Box
1670900000
BLZF 5.08/13/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 90°, Box
1671130000
BLZF 5.08/13/90 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 13, 90°, Box
1670910000
BLZF 5.08/14/90 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 3.31 mm², Pitch: 5.08 mm, No.
of poles: 14, 90°, Box



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com