Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI78L3.3DAB Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DI78L3.3DAB
Description  Positive Fixed Voltage Regulators Positive Festspannungs-Regler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI78L3.3DAB Datasheet(HTML) 1 Page - Diotec Semiconductor

  DI78L3.3DAB Datasheet HTML 1Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 2Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 3Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 4Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 5Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 6Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 7Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 8Page - Diotec Semiconductor DI78L3.3DAB Datasheet HTML 9Page - Diotec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DI78LxxDAB
DI78LxxDAB
Positive Fixed Voltage Regulators
Positive Festspannungs-Regler
VIN
= 30 ... 40 V
VOut
= 3.3 ... 24 V
Tol.
= ± 5%
IO
= 0.1 A
Tjmax = 125°C
Version 2024-05-07
SO-8
SPICE Model & STEP File 1)
4/5 = NC
Marking
Type/Typ
HS Code 85411000
Typical Applications
High efficiency linear regulators,
Active SCSI termination regulator,
Post regulators for switch mode
DC-DC converters,
Battery backed-up regulated supply
Commercial / industrial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Hocheffiziente Linearregler
Aktive SCSI-Abschluss-Regler
Ausgangsregler für getaktete
Gleichstromwandler
Batterie-gestützte Spannungsversorgung
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Thermal overload protection
Short circuit protection
Fixed voltage range:
3.3V, 5.0V, 6.0V, 8.0V, 9.0V
10V, 12V, 15V, 18V, 20V, 24V
Also available in SOT-89, TO-92 packages
Compliant to RoHS (w/o exemp.),
REACH, Conflict Minerals 1)
Besonderheiten
Thermische Überlastsicherung
Kurzschlussfest
Festspannungswerte:
3.3V, 5.0V, 6.0V, 8.0V, 9.0V
10V, 12V, 15V, 18V, 20V, 24V
Auch erhältlich im SOT-89, TO-92 Gehäuse
Konform zu RoHS (ohne Ausn.),
REACH, Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
4000 / 13“
Gegurtet auf Rolle
Weight approx.
0.08 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 3
Maximum ratings 2)
Grenzwerte 2)
Input voltage
Eingangsspannung
VOut = 3.3 ... 9V
VOut = 12 ... 15V
VOut = 18 ... 24V
VIN
30 V
35 V
40 V
Power dissipation
Verlustleistung
Ptot
Internally limited
Intern begrenzt
Junction temperature
Sperrschichttemperatur
DI78LxxDAB
Tj
-40 ... +125°C
Storage temperature
Lagerungstemperatur
TS
-55…+150°C
Dimensions - Maße [mm]
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
©
http://www.diotec.com/
1
Pb
RoHS
V
IN
V
OUT
ADJ/GND
2/3/
6/7
1
8
1
2
3 4
8
7
6
5


Similar Part No. - DI78L3.3DAB

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DI78L3.3UAB DIOTEC-DI78L3.3UAB Datasheet
590Kb / 12P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
2024-09-11
More results

Similar Description - DI78L3.3DAB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Texas Instruments
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
FIXED POSITIVE VOLTAGE REGULATORS
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
FIXED POSITIVE VOLTAGE REGULATORS
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
Fixed Positive Voltage Regulators
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com